Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54LS253DMQB Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54LS253DMQB
Description  TRI-STATE Data Selectors/Multiplexers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54LS253DMQB Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54LS253DMQB Datasheet HTML 1Page - National Semiconductor (TI) 54LS253DMQB Datasheet HTML 2Page - National Semiconductor (TI) 54LS253DMQB Datasheet HTML 3Page - National Semiconductor (TI) 54LS253DMQB Datasheet HTML 4Page - National Semiconductor (TI) 54LS253DMQB Datasheet HTML 5Page - National Semiconductor (TI) 54LS253DMQB Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF6416
June 1989
54LS253DM54LS253DM74LS253
TRI-STATE
Data SelectorsMultiplexers
General Description
Each of these Schottky-clamped data selectorsmultiplex-
ers contains inverters and drivers to supply fully comple-
mentary on-chip binary decoding data selection to the
AND-OR gates Separate output control inputs are provided
for each of the two four-line sections
The TRI-STATE outputs can interface directly with data
lines of bus-organized systems With all but one of the com-
mon outputs disabled (at a high impedance state) the low
impedance of the single enabled output will drive the bus
line to a high or low logic level
Features
Y
TRI-STATE version of LS153 with same pinout
Y
Schottky-diode-clamped transistors
Y
Permit multiplexing from N-lines to one line
Y
Performs parallel-to-serial conversion
Y
Strobeoutput control
Y
High fanout totem-pole outputs
Y
Typical propagation delay
Data to output
12 ns
Select to output
21 ns
Y
Typical power dissipation 35 mW
Y
Alternate MilitaryAerospace device (54LS253) is avail-
able Contact a National Semiconductor Sales Office
Distributor for specifications
Connection Diagram
Dual-In-Line Package
TLF6416 – 1
Order Number 54LS253DMQB 54LS253FMQB
54LS253LMQB DM54LS253J DM54LS253W
DM74LS253M or DM74LS253N
See NS Package Number E20A J16A
M16A N16E or W16A
Function Table
Select
Data Inputs
Output
Output
Inputs
Control
B
A
C0
C1
C2
C3
G
Y
XX
XX
X
X
H
Z
LL
L
X
X
X
L
L
LL
H
X
X
X
L
H
LH
X
L
X
X
L
L
LH
X
H
X
X
L
H
HL
XX
L
X
L
L
HL
XX
H
X
L
H
HH
X
X
X
L
L
L
HH
X
X
X
H
L
H
Address Inputs A and B are common to both sections
H e High Level L e Low Level X e Don’t Care Z e High Impedance (off)
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - 54LS253DMQB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS256 NSC-54LS256 Datasheet
127Kb / 6P
Dual 4-Bit Addressable Latch
54LS256DMQB NSC-54LS256DMQB Datasheet
127Kb / 6P
Dual 4-Bit Addressable Latch
54LS256FMQB NSC-54LS256FMQB Datasheet
127Kb / 6P
Dual 4-Bit Addressable Latch
logo
Motorola, Inc
54LS257 MOTOROLA-54LS257 Datasheet
182Kb / 6P
QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
National Semiconductor ...
54LS257 NSC-54LS257 Datasheet
163Kb / 8P
TRI-STATE Quad 2-Data Selectors/Multiplexers
More results

Similar Description - 54LS253DMQB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS257A NSC-54LS257A Datasheet
163Kb / 8P
TRI-STATE Quad 2-Data Selectors/Multiplexers
logo
Fairchild Semiconductor
DM74150 FAIRCHILD-DM74150 Datasheet
47Kb / 4P
Data Selectors/Multiplexers
DM74LS257B FAIRCHILD-DM74LS257B Datasheet
56Kb / 5P
3-STATE Quad 2-Data Selectors/Multiplexers
logo
National Semiconductor ...
DM54LS251 NSC-DM54LS251 Datasheet
135Kb / 6P
TRI-STATE Data Selectors/Multiplexers
DM74251 NSC-DM74251 Datasheet
188Kb / 4P
TRI-STATE 1 of 8 Line Data Selectors/Multiplexers
DM74253 NSC-DM74253 Datasheet
167Kb / 4P
TRI-STATE 1 of 8 Line Data Selectors/Multiplexers
DM54S257 NSC-DM54S257 Datasheet
153Kb / 8P
TRI-STATE QUAD 1 OF 2 DATA SELECTORS / MULTIPLEXERS
logo
Texas Instruments
SN74150J TI-SN74150J Datasheet
1Mb / 25P
DATA SELECTORS/MULTIPLEXERS
54LS257 TI1-54LS257 Datasheet
413Kb / 10P
TRI-STATE(RM) Quad 2-Data Selectors/Multiplexers
SN54150 TI1-SN54150_16 Datasheet
1Mb / 24P
DATA SELECTORS/MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com