Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC573PW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ALVC573PW
Description  Octal D-type transparent latch 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC573PW Datasheet(HTML) 3 Page - NXP Semiconductors

  74ALVC573PW Datasheet HTML 1Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 2Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 3Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 4Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 5Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 6Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 7Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 8Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
2003 Jun 25
3
Philips Semiconductors
Product specification
Octal D-type transparent latch; 3-state
74ALVC573
FUNCTION TABLE
See note 1
Note
1. H = HIGH voltage level;
a) h = HIGH voltage level one set-up time prior to the HIGH-to-LOW LE transition;
b) L = LOW voltage level;
c) l = LOW voltage level one set-up time prior to the HIGH-to-LOW LE transition;
d) Z = high-impedance OFF-state.
ORDERING INFORMATION
OPERATING MODES
INPUT
INTERNAL
LATCH
OUTPUT
OE
LE
Dn
Qn
Enable and read register
(transparent mode)
L
H
LLL
L
HHHH
Latch and read register
L
L
l
L
L
LLh
H
H
Latch register and disable
outputs
H
LlL
Z
HL
hH
Z
TYPE NUMBER
PACKAGE
TEMPERATURE
RANGE
PINS
PACKAGE
MATERIAL
CODE
74ALVC573D
−40 to +85 °C
20
SO20
plastic
SOT163-1
74ALVC573PW
−40 to +85 °C
20
TSSOP20
plastic
SOT360-1
74ALVC573BQ
−40 to +85 °C
20
DHVQFN20
plastic
SOT764-1
PINNING
PIN
SYMBOL
DESCRIPTION
1
OE
output enable input (active
LOW)
2
D0
data input
3
D1
data input
4
D2
data input
5
D3
data input
6
D4
data input
7
D5
data input
8
D6
data input
9
D7
data input
10
GND
ground (0 V)
11
LE
latch enable input (active
HIGH)
12
Q7
3-state latch output
13
Q6
3-state latch output
14
Q5
3-state latch output
15
Q4
3-state latch output
16
Q3
3-state latch output
17
Q2
3-state latch output
18
Q1
3-state latch output
19
Q0
3-state latch output
20
VCC
supply voltage
PIN
SYMBOL
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com