Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8S18006FSC Datasheet(PDF) 18 Page - Zilog, Inc.

Part # Z8S18006FSC
Description  ENHANCED Z180 MICROPROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8S18006FSC Datasheet(HTML) 18 Page - Zilog, Inc.

Back Button Z8S18006FSC Datasheet HTML 14Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 15Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 16Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 17Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 18Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 19Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 20Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 21Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 22Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 70 page
background image
Z80180/Z8S180/Z8L180
Enhanced Z180 Microprocessor
Zilog
1-18
P R E L I M I N A R Y
DS971800401
If an interrupt source is individually disabled, it cannot
bring the Z80180/Z8S180/Z8L180 out of SLEEP mode. If
an interrupt source is individually enabled, and the IEF bit
is 1 so that interrupts are globally enabled (by an EI in-
struction), the highest priority active interrupt will occur,
with the return address being the instruction after the SLP
instruction. If an interrupt source is individually enabled,
but the IEF bit is 0 so that interrupts are globally disabled
(by a DI instruction), the Z80180/Z8S180/Z8L180 leaves
SLEEP mode by simply executing the following instruc-
tion(s).
This provides a technique for synchronization with high-
speed external events without incurring the latency im-
posed by an interrupt response sequence. Figure 14
shows the timing for exiting SLEEP mode due to an inter-
rupt request. Note that the Z80180/Z8S180/Z8L180 takes
about 1.5 clocks to restart.
IOSTOP Mode. IOSTOP mode is entered by setting the
IOSTOP bit of the I/O Control Register (ICR) to 1. In this
case, on-chip I/O (ASCI, CSI/O, PRT) stops operating.
However, the CPU continues to operate. Recovery from
IOSTOP mode is by resetting the IOSTOP bit in ICR to 0.
SYSTEM STOP Mode. SYSTEM STOP mode is the com-
bination of SLEEP and IOSTOP modes. SYSTEM STOP
mode is entered by setting the IOSTOP bit in ICR to 1 fol-
lowed by execution of the SLP instruction. In this mode,
on-chip I/O and CPU stop operating, reducing power con-
sumption, but the PHI output continues to operate. Recov-
ery from SYSTEM STOP mode is the same as recovery
from SLEEP mode except that internal I/O sources (dis-
abled by IOSTOP) cannot generate a recovery interrupt.
IDLE
Mode.
Software
can
put
the
Z80180/Z8S180/Z8L180 into this mode by setting the
IOSTOP bit (ICR5) to 1, CCR6 to 0, CCR3 to 1 and exe-
cuting the SLP instruction. The oscillator keeps operating
but its output is blocked to all circuitry including the PHI
pin. DRAM refresh and all internal devices stop, but exter-
nal interrupts can occur. Bus granting to external masters
can occur if the BREST bit in the CPU control Register
(CCR5) was set to 1 before IDLE mode was entered.
The Z80180/Z8S180/Z8L180 leaves IDLE mode in re-
sponse to a Low on RESET, an external interrupt request
on NMI, or an external interrupt request on /INT0, /INT1 or
/INT2 that is enabled in the INT/TRAP Control Register. As
previously
described
for
SLEEP
mode,
when
the
Z80180/Z8S180/Z8L180 leaves IDLE mode due to an
NMI, or due to an enabled external interrupt request when
the IEF flag is 1 due to an EI instruction, it starts by per-
forming the interrupt with the return address being that of
the instruction after the SLP instruction.
If an external interrupt enables the INT/TRAP control reg-
ister while the IEF1 bit is 0, Z80180/Z8S180/Z8L180
leaves IDLE mode; specifically, the processor restarts by
executing the instructions following the SLP instruction.
Figure 14. SLEEP Timing
SLP 2nd Opcode
SLEEP Mode
φ
T2
T3
T1
T2
TS
TS
T1
/INTi, /NMI
A0-A19
/HALT
M1
Opcode Fetch or Interrupt
Acknowledge Cycle
SLP 2nd Opcode Address
FFFFFH
Fetch Cycle
T2
T3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com