Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNC-R-CF Datasheet(PDF) 10 Page - DDK Ltd.

Part # TNC-R-CF
Description  TNC Style Connector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

TNC-R-CF Datasheet(HTML) 10 Page - DDK Ltd.

Back Button TNC-R-CF Datasheet HTML 6Page - DDK Ltd. TNC-R-CF Datasheet HTML 7Page - DDK Ltd. TNC-R-CF Datasheet HTML 8Page - DDK Ltd. TNC-R-CF Datasheet HTML 9Page - DDK Ltd. TNC-R-CF Datasheet HTML 10Page - DDK Ltd. TNC-R-CF Datasheet HTML 11Page - DDK Ltd. TNC-R-CF Datasheet HTML 12Page - DDK Ltd. TNC-R-CF Datasheet HTML 13Page - DDK Ltd. TNC-R-CF Datasheet HTML 14Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Unit:mm
http://www.ddknet.co.jp
TNC Series
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
○ Assembly Instruction(2)
Sleeve
14
Ferule
Outer Conductor
Outer Conductor
Sheath
Cable
Boot
B
A
Center Conductor
Center Conductor
Crimp Tool
Insulator
Crimping Dies
No gap
Contact
Contact crimped
Boot
Ferule
Sleeve
Contact
Body
Body
Crimp Tool
Body Surface
Tool Surface
Boot
Sleeve
14
Ferule
Outer Conductor
Outer Conductor
Sheath
Cable
Boot
B
A
Center Conductor
Center Conductor
Crimp Tool
Insulator
Crimping Dies
No gap
Contact
Contact crimped
Boot
Ferule
Sleeve
Contact
Body
Body
Crimp Tool
Body Surface
Tool Surface
Boot
① Insert the boot into the cable and
cut the cable as fig.1.
 Please be careful to not damage the outer conductor.
② Insert the ferule on the outer conductor and
spread the top of the outer conductor. Press-in rhe
sleeve between insulator and outer conductor.
  Cut the extra outer conductor along the sleeve.
③ Cut the insulator and center conductor as fig.3.
Part Number
A
B
TNC-P-2.5D2W-CR10-CF
5.0mm
4.0mm
TNC-P-3D2W-CR10-CF
5.5mm
3.5mm
④ Pinch the contact in the crimping hole(center
hole) and insert the center conductor of the cable.
Crimp the contact (match the side hole of contact
with the curve of crimping hole of tool.)
Part Number
Crimp Tool
TNC-P-2.5D2W-CR10-CF
CR-H-1115
TNC-P-3D2W-CR10-CF
CR-H-1135
⑤ Insert the above contact into the body. Match the
  key in the insulator and keyway of the contact.
Crimp the root of body as fig.5. Cover the boot on the
root of the connector body.
10
Parts Configulration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com