Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNC-R2-Ni-CF Datasheet(PDF) 14 Page - DDK Ltd.

Part # TNC-R2-Ni-CF
Description  TNC Style Connector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

TNC-R2-Ni-CF Datasheet(HTML) 14 Page - DDK Ltd.

Back Button TNC-R2-Ni-CF Datasheet HTML 7Page - DDK Ltd. TNC-R2-Ni-CF Datasheet HTML 8Page - DDK Ltd. TNC-R2-Ni-CF Datasheet HTML 9Page - DDK Ltd. TNC-R2-Ni-CF Datasheet HTML 10Page - DDK Ltd. TNC-R2-Ni-CF Datasheet HTML 11Page - DDK Ltd. TNC-R2-Ni-CF Datasheet HTML 12Page - DDK Ltd. TNC-R2-Ni-CF Datasheet HTML 13Page - DDK Ltd. TNC-R2-Ni-CF Datasheet HTML 14Page - DDK Ltd. TNC-R2-Ni-CF Datasheet HTML 15Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Unit:mm
http://www.ddknet.co.jp
TNC Series
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
○ Assembly Instruction(6)
Nut
Washer
Gasket
Clamp
Contact
Body
L
3D-2V
L1
10
Outer Conductor
Sheath
Gasket
Washer
Nut
Insulator
 CenterConductor
(Pre-soldering)
Clamp
Picktheouterconductor
andturndowntotheclamp
Trimtheouterconductor
alongtheclamp
3
+0.5
0
0
-0.5
3
Soldering
Contact
No gap
Insulator
Body
Body assembly
(Gap between body and contact)
0.21
+0.23
-0.13
Flat Diameter:9.5±0.2
Flat Diameter:
9.5±0.2
Nut
Washer
Gasket
Clamp
Contact
Body
L
3D-2V
L1
10
Outer Conductor
Sheath
Gasket
Washer
Nut
Insulator
 CenterConductor
(Pre-soldering)
Clamp
Picktheouterconductor
andturndowntotheclamp
Trimtheouterconductor
alongtheclamp
3
+0.5
0
0
-0.5
3
Soldering
Contact
No gap
Insulator
Body
Body assembly
(Gap between body and contact)
0.21
+0.23
-0.13
Flat Diameter:9.5±0.2
Flat Diameter:
9.5±0.2
① The cable length require for the cable assembly
L1=L-x
①
②
③
④
⑤
② Insert nut, washer and gasket into the cable and
cut the cable as fig.2.
Please be careful to not damage the outer conductor.
③ Insert the clamp on the outer conductor and turn
down the outer conductor. Cut the outer
conductor along the clamp.
Cut the insulator as fig.3. Please be careful to not
damage the center conductor.
Cut the center conductor after pre-soldering.
④ Insert the contact and solder the contact with
center conductor.
Please bee careful to not damage the insulator by
heat.
⑤ Insert the above contact into the body.
Insert the the gasket and washer into the body and
screw the nut.
Recommended torque : 117.5 〜 147N・cm
  
(12 〜 15Kgf・cm)
14
Parts Configulration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com