Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTDASPA1.13 Datasheet(PDF) 18 Page - OSRAM GmbH

Part # GTDASPA1.13
Description  Architectural lighting
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GTDASPA1.13 Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button GTDASPA1.13 Datasheet HTML 14Page - OSRAM GmbH GTDASPA1.13 Datasheet HTML 15Page - OSRAM GmbH GTDASPA1.13 Datasheet HTML 16Page - OSRAM GmbH GTDASPA1.13 Datasheet HTML 17Page - OSRAM GmbH GTDASPA1.13 Datasheet HTML 18Page - OSRAM GmbH GTDASPA1.13 Datasheet HTML 19Page - OSRAM GmbH GTDASPA1.13 Datasheet HTML 20Page - OSRAM GmbH GTDASPA1.13 Datasheet HTML 21Page - OSRAM GmbH GTDASPA1.13 Datasheet HTML 22Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
2017-06-13
18
Version 1.1
GT DASPA1.13
Transportation Packing and Materials
Kartonverpackung und Materialien
Dimensions of transportation box in mm
Width
Length
Height
Breite
Länge
Höhe
195 ± 5
195 ± 5
30 ± 5
OHA02044
1
0
1
1
210021998
0
2
4 5
OSRAM
Packing
Sealing label
Barcode label
Moisture
Level
3
Floor
time
168
Hours
Moisture
Level
6
Floor
time
6
Hours
a)
Humidity
Indicator
Card
is
>
10%
when
read
at
23
˚C
±
5
˚C,
or
reflow,
vapor-phase
reflow,
or
equivalent
processing
(peak
package
2.
After
this
bag
is
opened,
devices
that
will
be
subjected
to
infrared
1.
Shelf
life
in
sealed
bag:
24
months
at
<
40
˚C
and
<
90%
relative
humidity
(RH).
Moisture
Level
5a
at
factory
conditions
of
(if
blank,
seal
date
is
identical
with
date
code).
a)
Mounted
within
b)
Stored
at
body
temp.
3.
Devices
require
baking,
before
mounting,
if:
Bag
seal
date
Moisture
Level
1
Moisture
Level
2
Moisture
Level
2a
4.
If
baking
is
required,
b)
2a
or
2b
is
not
met.
Date
and
time
opened:
reference
IPC/JEDEC
J-STD-033
for
bake
procedure.
Floor
time
see
below
If
blank,
see
bar
code
label
Floor
time
>
1
Year
Floor
time
1
Year
Floor
time
4
Weeks
10%
RH.
_
<
Moisture
Level
4
Moisture
Level
5
˚C).
OPTO
SEMICONDUCTORS
MOISTURE
SENSITIVE
This
bag
contains
CAUTION
Floor
time
72
Hours
Floor
time
48
Hours
Floor
time
24
Hours
30
˚C/60%
RH.
_
<
LEVEL
If
blank,
see
bar
code
label
Barcode label



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com