Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOM67F Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LOM67F
Description  Optical Indicator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LOM67F Datasheet(HTML) 1 Page - OSRAM GmbH

  LOM67F Datasheet HTML 1Page - OSRAM GmbH LOM67F Datasheet HTML 2Page - OSRAM GmbH LOM67F Datasheet HTML 3Page - OSRAM GmbH LOM67F Datasheet HTML 4Page - OSRAM GmbH LOM67F Datasheet HTML 5Page - OSRAM GmbH LOM67F Datasheet HTML 6Page - OSRAM GmbH LOM67F Datasheet HTML 7Page - OSRAM GmbH LOM67F Datasheet HTML 8Page - OSRAM GmbH LOM67F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2014-10-31
1
2014-10-31
Mini TOPLED
Datasheet
Version 1.3
LO M67F
Features:
Besondere Merkmale:
• Package: SMD epoxy package
•
Gehäusetyp: SMD Epoxid Gehäuse
• Technology: InGaAlP Thinfilm
•
Technologie: InGaAlP Thinfilm
• Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
•
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
• Color: orange (606 nm)
•
Farbe: orange (606 nm)
• Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Optical Indicator
•
Optischer Indikator
• Coupling into Light Guides
•
Einkopplung in Lichtleiter
• Backlighting
•
Hinterleuchtung
• Automotive Interior Lighting
•
Automobilbeleuchtung innen
• Dashboard Backlighting
•
Instrumentenbeleuchtung
• LCD Backlighting
•
LCD Beleuchtung


Similar Part No. - LOM67F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOM67F-U2AB-24 OSRAM-LOM67F-U2AB-24 Datasheet
538Kb / 21P
SMD epoxy package
logo
HK TO-GRACE TECHNOLOGY ...
LOM67F-U2AB-24 TO-GRACE-LOM67F-U2AB-24 Datasheet
781Kb / 9P
Power Mini SMD LED
More results

Similar Description - LOM67F

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TSL-5050UB000MTH SUNTAN-TSL-5050UB000MTH Datasheet
340Kb / 3P
Optical indicator
logo
OSRAM GmbH
LSR976-NR-1 OSRAM-LSR976-NR-1 Datasheet
404Kb / 20P
Optical Indicator
LGT679 OSRAM-LGT679 Datasheet
440Kb / 19P
Optical Indicator
LOT676 OSRAM-LOT676 Datasheet
477Kb / 19P
Optical Indicator
LOT776 OSRAM-LOT776 Datasheet
435Kb / 19P
Optical Indicator
LPM675 OSRAM-LPM675 Datasheet
501Kb / 20P
Optical Indicator
LAM67B OSRAM-LAM67B_14 Datasheet
569Kb / 20P
Optical Indicator
logo
Everlight Electronics C...
EAPL2214GA2 EVERLIGHT-EAPL2214GA2 Datasheet
358Kb / 12P
Optical indicator
EAPL2214WA4 EVERLIGHT-EAPL2214WA4 Datasheet
356Kb / 12P
Optical indicator
EAPL4508RGBA5 EVERLIGHT-EAPL4508RGBA5 Datasheet
473Kb / 13P
Optical indicator.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com