Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC-1112 Datasheet(PDF) 1 Page - ORing Industrial Networking Corp

Part # ISC-1112
Description  Industrial RS-232 to RS-422/485 Serial Media Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

ISC-1112 Datasheet(HTML) 1 Page - ORing Industrial Networking Corp

  ISC-1112 Datasheet HTML 1Page - ORing Industrial Networking Corp ISC-1112 Datasheet HTML 2Page - ORing Industrial Networking Corp ISC-1112 Datasheet HTML 3Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Designed for Rugged Excellence
2-41
2-41
ISC-1112 / ISC-1112-I
Industrial RS-232 to RS-422/485 Serial Media Converter
▪
Support multiple baud rate and multiple data format
▪
Support highest power output
▪
Auto Hardware Direction Control for RS-485
▪
Auto switching baud rate from 300 ~ 115200 bps
▪
Power requirements from +9 ~ 30 VDC
▪
ABS with captive mounting hardware design
▪
DIN-Rail and wall mounting enabled
Introduction
ISC-1112 series are industrial media converters provide media conversion between RS-232 and RS-422/485 interface. ISC-1112 series are ABS housing
design and supporting an operating temperature of -10 to 70˚C. The RS-485 control is completely transparent to the user and software written for half-
duplex operation without any modification. ISC-1112-I opto-isolators provide 3000VDC of isolation to protect the host computer from destructive voltage
spikes. Therefore, the ISC-1112 series is reliable serial media converter and can satisfy most demand of operating environment.
Connections of Serial Media Converter
Pin Assignment
RS-422/485 Terminal Block Pin Assignment
Interface
RS-485
Reserved
RS-422
Reserved
Power Input
Pin No.
1
2
3
4
5
6
7
8
9
10
Info
Data+
Data-
N.C.
TX+
TX-
RX+
RX-
N.C.
V+
GND
RS-232 in DB9 Female
v1.4 / Nov, 2010
Industrial Media Converter Serial to Serial Media Converter


Similar Part No. - ISC-1112

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
ISC-1112F-I ORING-ISC-1112F-I Datasheet
1,014Kb / 3P
Industrial RS-422/485 repeater
ISC-1112U-I ORING-ISC-1112U-I Datasheet
1,014Kb / 3P
Industrial RS-422/485 repeater
More results

Similar Description - ISC-1112

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADAM-4521 ETC-ADAM-4521 Datasheet
164Kb / 1P
Addressable RS-422/485 to RS-232 Converter
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
logo
ORing Industrial Networ...
ISC-1310FB ORING-ISC-1310FB Datasheet
199Kb / 4P
Industrial 1-port RS-232/422/485 to Fiber serial media converter
logo
Moxa Inc.
TCC-100 MOXA-TCC-100 Datasheet
783Kb / 4P
Industrial RS-232 to RS-422/485 converters
logo
Advantech Co., Ltd.
SCP211-DFTB3 ADVANTECH-SCP211-DFTB3 Datasheet
318Kb / 1P
Industrial RS-232 to RS-422/485 Converters
BB-485DRCI-PH ADVANTECH-BB-485DRCI-PH Datasheet
374Kb / 2P
Heavy Industrial RS-232 to RS-422/485 Isolated Converter
BB-485CON ADVANTECH-BB-485CON Datasheet
488Kb / 2P
RS-232 to RS-485 Serial Converter
BB-485COSR ADVANTECH-BB-485COSR Datasheet
470Kb / 2P
RS-232 to RS-485 Serial Converter
BB-485DRCI ADVANTECH-BB-485DRCI Datasheet
497Kb / 2P
Industrial RS-232 to RS-422/485 Converter
BB-SCP211-DFTB3 ADVANTECH-BB-SCP211-DFTB3 Datasheet
212Kb / 2P
Industrial RS-232 to RS-422/485 Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com