Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC-1112-I Datasheet(PDF) 2 Page - ORing Industrial Networking Corp

Part # ISC-1112-I
Description  Industrial RS-232 to RS-422/485 Serial Media Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

ISC-1112-I Datasheet(HTML) 2 Page - ORing Industrial Networking Corp

  ISC-1112-I Datasheet HTML 1Page - ORing Industrial Networking Corp ISC-1112-I Datasheet HTML 2Page - ORing Industrial Networking Corp ISC-1112-I Datasheet HTML 3Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
www.oring-networking.com
2-42
ORing Media Converter Model
ISC-1112-I
ISC-1112
Physical Ports
RS-232 Connector
DB9 (Female)
RS-422/485 Connector
10-pin terminal block
RS-232 Signals
TX, RX, GND
RS-422/485 Signals
RS-422 : TX+, TX-, RX+, RX-
RS-485 : Data+, Data-
Baud Rate
300 to 115.2Kbps
Data bit
5, 6, 7, 8
Stop bit
1, 1.5, 2
Parity
None, Even, Odd, Space, Mark
Flow Control
XON/XOFF (software)
Auto Hardware Direction Control for RS-485
Serial Isolation
3000VDC
-
LED Indicators
Power Indicator
Green : Power LED x 1
TxD Indicator
Green LED x 1
Dimensions
(Unit=mm)
Specifications
v1.5 / Dec, 2011
Industrial Media Converter Serial to Serial Media Converter



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com