Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC-1310FB Datasheet(PDF) 3 Page - ORing Industrial Networking Corp

Part # ISC-1310FB
Description  Industrial 1-port RS-232/422/485 to Fiber serial media converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

ISC-1310FB Datasheet(HTML) 3 Page - ORing Industrial Networking Corp

  ISC-1310FB Datasheet HTML 1Page - ORing Industrial Networking Corp ISC-1310FB Datasheet HTML 2Page - ORing Industrial Networking Corp ISC-1310FB Datasheet HTML 3Page - ORing Industrial Networking Corp ISC-1310FB Datasheet HTML 4Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
* All specifications are subject to change without notice.
Designed for Rugged Excellence
V1.0 Sep, 2016
Typical Distance (km)
2 Km
30 Km
Wavelength (nm)
1310 nm
1310 nm
TX Output
>-23.5 dbm
>-15 dbm
RX sensitivity
-31 dbm
-34 dbm
Point-to-point transmission
Full-Duplex
Serial Port
Connector
DB9(male) x 1, terminal block x 1
Operation Mode
RS-232 / RS-422 / 4(2)-Wire RS-485.
Which RS-422/ RS-485 can be configured by DIP switch
Serial Baud Rate
50 bps to 921.6 Kbps
Data Bits
5, 6, 7, 8
Parity
odd, even, none, mark, space
Stop Bits
1, 1.5, 2
RS-232
TxD, RxD, GND
RS-422
Tx+,Tx-, Rx+, Rx-,GND
RS-485 (4-wire)
Tx+,Tx-, Rx+, Rx-,GND
LED Indicator
Power indicator
2 x LEDs, Green On : Power is on and functioning Normal
1x 100Base-FX with SC connector
1 x LED, Green for port Link/Act at 100Mbps
Serial RS-232
1 x LED, Green for port Link/Act
Serial RS-422/485
1 x LED, Green for port Link/Act
Power
Input Power
Dual DC inputs. 12~48VDC on 4-pin terminal block
Power Consumption (Typ.)
1.8 Watts
Overload current protection
Present
Physical Characteristic
Enclosure
IP-30
Dimension (W x D x H)
26.1 (W) x 70 (D) x 95 (H)mm (1.03 x 2.76 x 3.74 inch)
Weight (g)
192 g
Environmental
Storage Temperature
-40 to 85oC (-40 to 185oF)
Operating Temperature
-40 to 70oC (-40 to 158oF)
Operating Humidity
5% to 95% Non-condensing
Regulatory approvals
EMC
EN 55022, EN 55024(CE EMC), EN 50121-4,EN 60945, FCC ,EN 61000-6-2, IEC 61000-3-2 ,IEC 61000-3-3
EMI
CISPR 22, EN 55011, FCC Part 15B Class A
EMS
EN61000-4-2 (ESD), EN61000-4-3 (RS), EN61000-4-4 (EFT), EN61000-4-5 (Surge), EN61000-4-6 (CS),
EN61000-4-8 (PFMF), EN61000-4-11 (DIP)
Shock
IEC60068-2-27
Free Fall
IEC 60068-2-31 (IEC 60068-2-32)
Vibration
IEC60068-2-6
Safety
EN60950-1
MTBF
Warranty
5 years
5 years



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com