Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC-1310FR Datasheet(PDF) 1 Page - ORing Industrial Networking Corp

Part # ISC-1310FR
Description  Industrial Serial Media Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

ISC-1310FR Datasheet(HTML) 1 Page - ORing Industrial Networking Corp

  ISC-1310FR Datasheet HTML 1Page - ORing Industrial Networking Corp ISC-1310FR Datasheet HTML 2Page - ORing Industrial Networking Corp ISC-1310FR Datasheet HTML 3Page - ORing Industrial Networking Corp ISC-1310FR Datasheet HTML 4Page - ORing Industrial Networking Corp ISC-1310FR Datasheet HTML 5Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
* All specifications are subject to change without notice.
Designed for Rugged Excellence
Introduction
Features
Auto or manual switching baud rate
from 50 ~ 921.6 Kbps
Support Ring mode *
Power requirement from +12 ~ 48 VDC
Dual power input
Provided DIP-Switch to set Ring function
IP-30 housing design
DIN-Rail and wall mounting enabled
*Max nodes in Ring mode:
32 nodes @ 115200 bps
24 nodes @ 230400 bps
11 nodes @ 460800 bps
6 nodes @ 921600 bps
ISC-1310FR is a cost-effective solution for the conversion between RS-232/422/485 and fiber interface, it allows you to
extend the serial communication distance by optical fiber. ISC-1310FR supports fiber ring mode. ISC-1310FR series with wide
operating temperature range from -40 ~ 75℃ and accepts a wide voltage range from +12 ~ 48 VDC power inputs, so it is
suitable for harsh operating environments
ISC-1310FR
Industrial Serial Media Converter
1-port RS-232/422/485 to Fiber


Similar Part No. - ISC-1310FR

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
ISC-1310F-I ORING-ISC-1310F-I Datasheet
1,014Kb / 3P
Industrial RS-422/485 repeater
ISC-1310FB ORING-ISC-1310FB Datasheet
199Kb / 4P
Industrial 1-port RS-232/422/485 to Fiber serial media converter
ISC-1310FB-MM ORING-ISC-1310FB-MM Datasheet
199Kb / 4P
Industrial 1-port RS-232/422/485 to Fiber serial media converter
ISC-1310FB-SS ORING-ISC-1310FB-SS Datasheet
199Kb / 4P
Industrial 1-port RS-232/422/485 to Fiber serial media converter
ISC-1310FW-SS ORING-ISC-1310FW-SS Datasheet
261Kb / 5P
Fiber serial media converter
More results

Similar Description - ISC-1310FR

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
SL-2ES REDLION-SL-2ES Datasheet
386Kb / 2P
Industrial Ethernet Media Converter
302MC REDLION-302MC Datasheet
440Kb / 3P
Industrial Media Converter
102MC-FL REDLION-102MC-FL Datasheet
613Kb / 2P
Industrial Media Converter
102MC REDLION-102MC Datasheet
554Kb / 3P
Industrial Media Converter
logo
Level One
IEC-1020 LVL1-IEC-1020 Datasheet
319Kb / 2P
Industrial Media Converter
logo
ORing Industrial Networ...
IMC-V111ET-TB ORING-IMC-V111ET-TB Datasheet
1Mb / 3P
Industrial extended media converter
ISC-1210U-I ORING-ISC-1210U-I Datasheet
723Kb / 3P
Industrial USB to Serial Media Converter
ISC-1310FW-SS ORING-ISC-1310FW-SS Datasheet
261Kb / 5P
Fiber serial media converter
logo
Weidmuller
1286880000 WEIDMULLER-1286880000 Datasheet
244Kb / 4P
Industrial Fast Ethernet media converter
logo
Pepperl+Fuchs Inc.
SL-2ES-2SC PF-SL-2ES-2SC Datasheet
190Kb / 1P
Industrial Ethernet Media Converter
2014-04-22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com