Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC-1310FW-SS Datasheet(PDF) 4 Page - ORing Industrial Networking Corp

Part # ISC-1310FW-SS
Description  Fiber serial media converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

ISC-1310FW-SS Datasheet(HTML) 4 Page - ORing Industrial Networking Corp

  ISC-1310FW-SS Datasheet HTML 1Page - ORing Industrial Networking Corp ISC-1310FW-SS Datasheet HTML 2Page - ORing Industrial Networking Corp ISC-1310FW-SS Datasheet HTML 3Page - ORing Industrial Networking Corp ISC-1310FW-SS Datasheet HTML 4Page - ORing Industrial Networking Corp ISC-1310FW-SS Datasheet HTML 5Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
* All specifications are subject to change without notice.
Designed for Rugged Excellence
Specifications
ORing Media Converter
Model
ISC-1310FW-SS-SC-L
ISC-1310FW-SS-SC-R
Fiber Port
Fiber Port Number
1
Fiber Optical Connector
SC
Fiber Mode
Single-mode
Typical Distance (km)
40 Km
Wavelength (nm)
TX 1310/RX 1550 nm
TX 1550/RX 1310 nm
TX Output
0 ~ -5 dBm
0 ~ -5 dBm
RX sensitivity
-5 ~ -20 dBm
-5 ~ -20 dBm
Serial Port
Connector
DB9(male) x 1
Operation Mode
RS-232 / RS-422 / 4(2)-Wire RS-485.
Which RS-422/ RS-485 can be configured by DIP switch
Serial Baud Rate
50 bps to 921.6 Kbps
RS-232
TxD, RxD, GND
RS-422
Tx+,Tx-, Rx+, Rx-,GND
RS-485 (2-wire)
D+, D-, GND
RS-485 (4-wire)
Tx+,Tx-, Rx+, Rx-,GND
LED Indicator
Power indicator
2 x LEDs, Green On : Power is on and functioning Normal
Auto Baud Rate LED
Green: Auto baud rate
Serial TX / RX LEDs
Orange: Serial port is receiving data (RX)
Green: Serial port is transmitting data (TX)
Power
Input Power
Dual DC inputs. +12 ~ 48VDC on 4-pin terminal block
Power Consumption (Typ.)
1.6W
Overload current protection
2 A
Physical Characteristic
Enclosure
IP-30
Dimension (W x D x H)
26.1 (W) x 70 (D) x 95 (H)mm
Weight (g)
204 g
Environmental
Storage Temperature
-40 to 85oC (-40 to 185oF)
Operating Temperature
-40 to 75oC (-40 to 167oF)
Operating Humidity
5% to 95% Non-condensing
EMS
EN61000-4-2 (ESD)
EN61000-4-3 (RS)
EN61000-4-4 (EFT)
EN61000-4-5 (Surge)
EN61000-4-6 (CS)
EN61000-4-8
EN61000-4-11
Shock
IEC60068-2-27
Free Fall
IEC60068-2-31



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com