Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC-4110U Datasheet(PDF) 2 Page - ORing Industrial Networking Corp

Part # ISC-4110U
Description  Industrial 1-port USB to 4/8-port RS-232 serial media converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

ISC-4110U Datasheet(HTML) 2 Page - ORing Industrial Networking Corp

  ISC-4110U Datasheet HTML 1Page - ORing Industrial Networking Corp ISC-4110U Datasheet HTML 2Page - ORing Industrial Networking Corp ISC-4110U Datasheet HTML 3Page - ORing Industrial Networking Corp ISC-4110U Datasheet HTML 4Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Designed for Rugged Excellence
2-35
2-35
Dimensions
(Unit=mm)
Pin Definitions
Cable of DB62 male to 4/8-port DB9 male connector is provided. The cable length is 1 meter.
Pin #
RS-232
1
DCD
2
RXD
3
TXD
4
DTR
5
GND
6
DSR
7
RTS
8
CTS
9
N.C.
RS-232 mode act as DTE
8-port DB9 Male connector
DB9 Male Pin Assignment
4-port DB9 Male connector
DB62 Male with 4/8-port
RS-232 connector
1
2
3
4
1
2
3
4
5
6
7
8
OD 5.0mm
P1
P6
P9
P5
P1
P21
P43
P62
v1.2 / Dec, 2011
Industrial Media Converter USB to Serial Media Converter



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com