Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC-1211F-I Datasheet(PDF) 1 Page - ORing Industrial Networking Corp

Part # ISC-1211F-I
Description  Industrial RS-422/485 repeater
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

ISC-1211F-I Datasheet(HTML) 1 Page - ORing Industrial Networking Corp

  ISC-1211F-I Datasheet HTML 1Page - ORing Industrial Networking Corp ISC-1211F-I Datasheet HTML 2Page - ORing Industrial Networking Corp ISC-1211F-I Datasheet HTML 3Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2
www.oring-networking.com
2-48
ISC-1212-I
Industrial RS-422/485 repeater with 3KV isolation
▪
Automatic internal RS-422/485 bus supervision
▪
No external flow control signals required for RS-485
▪
Serial type support auto detect and switch
▪
Supported baud rate up to 115.2Kbps
▪
Reach distance up to 4000 feet (1200m)
▪
Support multiple baud rate and multiple data format
▪
Reserved space for termination resistors (R8,R9)
▪
Power and data flow indicator for troubleshooting
▪
Power requirement : +9 ~ 30VDC
▪
DIN-Rail and wall mounting enabled
Introduction
Connections of RS-422/485 Repeater
The ISC-1212-I is a RS-422/485 repeater which boosts the RS-422/485 signals to extend the reach distance up to 4000 ft (1200m) and increase the
maximum number of connection up to 128 nodes. With a special circuitry, ISC-1212-I is able to automatically detect the data flow and switch the direction
of the data lines accordingly. “Auto baud rate detector” enables ISC-1212-I to automatically configure RS-422/485 signals to any baud rate without external
switch setting. Build in opto-isolations on ISC-1212-I provides 3000VDC of isolation to protect the host computer from destructive voltage spikes on the RS-
422/485 data lines. ISC-1212-I also offers internal surge-protection on the data lines. The internal high-speed transient suppressors on each data line protect
the module from dangerous voltages levels or spikes. Therefore, the ISC-1212-I is a reliable RS-422/485 repeater and can satisfy most demand of operating
environment.
Features
v1.5 / Dec, 2011
Industrial Media Converter Serial to Serial Media Converter


Similar Part No. - ISC-1211F-I

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ISC-1210 VISHAY-ISC-1210 Datasheet
138Kb / 1P
Surface Mount, Molded, Shielded Inductor
28-Aug-02
ISC-1210 VISHAY-ISC-1210 Datasheet
79Kb / 2P
Surface Mount, Molded, Shielded Inductor
22-May-07
ISC-1210 VISHAY-ISC-1210 Datasheet
244Kb / 2P
SMD Magnetics Packaging Methods
15-Jan-14
ISC-1210 VISHAY-ISC-1210 Datasheet
80Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
02-Jun-15
ISC-1210 VISHAY-ISC-1210 Datasheet
63Kb / 2P
Wirewound, Surface-Mount, Molded, Shielded Inductors
10-Sep-2019
More results

Similar Description - ISC-1211F-I

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96177 NSC-DS96177 Datasheet
262Kb / 8P
RS-485/RS-422 Differential Bus Repeater
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510_15 Datasheet
236Kb / 1P
RS-422/485 Repeater
ADAM-4510 ADVANTECH-ADAM-4510_V01 Datasheet
486Kb / 1P
RS-422/485 Repeater
26-Mar-2021
ADAM-4510I ADVANTECH-ADAM-4510I_V01 Datasheet
607Kb / 1P
Robust RS-422/485 Repeater
25-Feb-2020
BB-485OPDRI ADVANTECH-BB-485OPDRI Datasheet
480Kb / 2P
Industrial Isolated RS-422/485 Repeater
RS-422 ADVANTECH-RS-422 Datasheet
194Kb / 2P
Heavy Industrial RS-422/485 Isolated Repeater
BB-485LDRC9 ADVANTECH-BB-485LDRC9 Datasheet
419Kb / 1P
RS-422/485 Converter, Industrial
8-Apr-2021
BB-485OPDR-HS ADVANTECH-BB-485OPDR-HS Datasheet
571Kb / 2P
High-Speed, Isolated RS-422/485 Repeater
BB-485OPDR ADVANTECH-BB-485OPDR Datasheet
283Kb / 1P
RS-422/485 Repeater, Industrial
27-Nov-2019
ULI-234TCL ADVANTECH-ULI-234TCL Datasheet
1Mb / 4P
Optically Isolated RS-422/485 Repeater/Extender
19-Oct-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com