Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC-4110U_EU Datasheet(PDF) 4 Page - ORing Industrial Networking Corp

Part # ISC-4110U_EU
Description  Industrial 1-port USB to 4/8-port RS-232 serial media converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

ISC-4110U_EU Datasheet(HTML) 4 Page - ORing Industrial Networking Corp

  ISC-4110U_EU Datasheet HTML 1Page - ORing Industrial Networking Corp ISC-4110U_EU Datasheet HTML 2Page - ORing Industrial Networking Corp ISC-4110U_EU Datasheet HTML 3Page - ORing Industrial Networking Corp ISC-4110U_EU Datasheet HTML 4Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Designed for Rugged Excellence
2-37
2-37
ISC- A B C D E
Available
Model
Model Name
Description
ISC-4110U_US
Industrial 1-port USB to 4-port RS-232 serial media converter, US power adapter
ISC-4110U_EU
Industrial 1-port USB to 4-port RS-232 serial media converter, EU power adapter
ISC-8110U_US
Industrial 1-port USB to 8-port RS-232 serial media converter, US power adapter
ISC-8110U_EU
Industrial 1-port USB to 8-port RS-232 serial media converter, EU power adapter
Packing List
‧
ISC-4110U/8110U
‧
DIN-Rail Kit
‧
Wall-Mount Kit
‧
USB Cable
‧
DB62 to DB9 Cable
‧
12V/1A Power adapter
‧
ORing Tool CD
‧
Quick Installation Guide
Optional Accessories (Can be purchased separately)
‧
DR-45 series, 45W DIN-Rail power supply
‧
DR-75 series, 75W DIN-Rail power supply
‧
DR-120 series, 120W DIN-Rail power supply
‧
SDR-240-48, 240W DIN-Rail power supply
‧
SDR-480-48, 480W DIN-Rail power supply
‧
FPC series : Fiber Patch cord
Ordering Information
Code Definition
Serial Port Number
Port Type
Converter Prot Number
Converter Type
Other Type
Option
- 4 : 4port
- 8 : 8port
- 1 : RS-232 only
- 2 : RS-422/485
- 3 : RS-232/422/485
- 1 : 1port
- 0 : other type
- 1 : RS-232 only
- 2 : RS-422/485
- 3 : RS-232/422/485
- F : 100Base-FX Fiber
- U : USB
Regulatory Approvals
EMI
FCC Part 15, CISPR (EN55022) class A
EMS
EN61000-4-2 (ESD), EN61000-4-3 (RS), EN61000-4-4 (EFT), EN61000-4-5 (Surge), EN61000-4-6 (CS), EN61000-4-8,
EN61000-4-11
Shock
IEC60068-2-27
Free Fall
IEC60068-2-32
Vibration
IEC60068-2-6
Safety
EN60950-1
Warranty
5 years
v1.2 / Dec, 2011
Industrial Media Converter USB to Serial Media Converter



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com