Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC-8110U_US Datasheet(PDF) 1 Page - ORing Industrial Networking Corp

Part # ISC-8110U_US
Description  Industrial 1-port USB to 4/8-port RS-232 serial media converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

ISC-8110U_US Datasheet(HTML) 1 Page - ORing Industrial Networking Corp

  ISC-8110U_US Datasheet HTML 1Page - ORing Industrial Networking Corp ISC-8110U_US Datasheet HTML 2Page - ORing Industrial Networking Corp ISC-8110U_US Datasheet HTML 3Page - ORing Industrial Networking Corp ISC-8110U_US Datasheet HTML 4Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2
www.oring-networking.com
2-34
ISC-4110U / 8110U
Industrial 1-port USB to 4/8-port RS-232 serial media converter
▪
Fully compliant with USB 2.0 specifications
▪
Support Full-Duplex transmission
▪
RS-232 support RTS/CTS, DSR/DTR handshake signals
▪
Support baud rate up to 921.6Kbps
▪
USB bus powered with Ultra low power consumption (<500mA)
▪
Rigid IP-30 slim type housing design
▪
DIN-Rail and wall mounting enabled
▪
Driver support : Windows/ Win-CE/ Windows Mobile/ Linux multi O.S.
Introduction
ISC-4110U and ISC-8110U are intelligent and compact-size media converters that provide conversion between one Universal Serial Bus (USB) port and
4 or 8 High-Speed RS-232 serial ports. The ISC-4110U and ISC-8110U feature easy connectivity for traditional serial devices. The RS-232 standard supports
full-duplex communication and handshaking signals (such as RTS, CTS, DSR, DTR). Internal high-speed transient suppressors on each data line protect the
modules from dangerous voltages levels or spikes. ISC-4110U/8110U can derive the power from USB port or redundant power inputs. Therefore, ISC-4110U
and ISC-8110U are among the most reliable choices for USB to RS-232 media converter applications.
Connections of USB to Serial Media Converter
Connections of USB to Serial Media Converter
Features
Industrial Media Converter USB to Serial Media Converter
v1.2 / Dec, 2011


Similar Part No. - ISC-8110U_US

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ISC-1008 VISHAY-ISC-1008 Datasheet
288Kb / 2P
Surface Mount Wirewound Shielded Inductor
12-May-05
ISC-1008 VISHAY-ISC-1008 Datasheet
244Kb / 2P
SMD Magnetics Packaging Methods
15-Jan-14
ISC-1008 VISHAY-ISC-1008 Datasheet
129Kb / 3P
Wirewound, Surface Mount, Shielded Inductor
10-Aug-06
ISC-1008ER100M VISHAY-ISC-1008ER100M Datasheet
288Kb / 2P
Surface Mount Wirewound Shielded Inductor
12-May-05
ISC-1008 VISHAY-ISC-1008_06 Datasheet
399Kb / 3P
Surface Mount Wirewound Shielded Inductor
10-Aug-06
More results

Similar Description - ISC-8110U_US

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4561 ADVANTECH-ADAM-4561 Datasheet
134Kb / 1P
1-port Isolated USB to RS-232/422/485 Converter
USB-4604B ADVANTECH-USB-4604B Datasheet
527Kb / 1P
4-port RS-232 Serial to USB Converter with ESD Surge Protection
logo
Axiomtek Co., Ltd.
ICON-101CS AXIOMTEK-ICON-101CS Datasheet
325Kb / 2P
1-port CAN to RS-232/422/485 Industrial Converter
logo
ORing Industrial Networ...
ISC-1112 ORING-ISC-1112 Datasheet
719Kb / 3P
Industrial RS-232 to RS-422/485 Serial Media Converter
ISC-1310FB ORING-ISC-1310FB Datasheet
199Kb / 4P
Industrial 1-port RS-232/422/485 to Fiber serial media converter
logo
Moxa Inc.
1000 MOXA-1000 Datasheet
1Mb / 8P
1 to 16-port RS-232/422/485 USB-to-serial converters
2210 MOXA-2210 Datasheet
841Kb / 4P
2 and 4-port RS-232 USB-to-serial converters
logo
Coolgear Inc.
USB-32COM-RM COOLGEAR-USB-32COM-RM Datasheet
98Kb / 1P
32 Port RS-232 USB-to-Serial Adapter
USB-8COM COOLGEAR-USB-8COM Datasheet
122Kb / 2P
8-Port RS-232 USB to Serial Adapter Data Control Box
MSD-SRF4X COOLGEAR-MSD-SRF4X Datasheet
97Kb / 1P
INDUSTRIAL 4-PORT RS-232 TO ETHE
8/2/2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com