Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC-8110U_EU Datasheet(PDF) 3 Page - ORing Industrial Networking Corp

Part # ISC-8110U_EU
Description  Industrial 1-port USB to 4/8-port RS-232 serial media converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

ISC-8110U_EU Datasheet(HTML) 3 Page - ORing Industrial Networking Corp

  ISC-8110U_EU Datasheet HTML 1Page - ORing Industrial Networking Corp ISC-8110U_EU Datasheet HTML 2Page - ORing Industrial Networking Corp ISC-8110U_EU Datasheet HTML 3Page - ORing Industrial Networking Corp ISC-8110U_EU Datasheet HTML 4Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2
www.oring-networking.com
2-36
Industrial Media Converter USB to Serial Media Converter
Specifications
ORing Media Converter Model
ISC-4110U
ISC-8110U
Physical Ports
USB 2.0 port
1
1
RS-232 Serial Port
4
8
Serail Connector
DB9 connector (Male) : By DB62 to 4xDB9 cable
DB9 connector (Male) : By DB62 to 8xDB9 cable
Baud Rate
300 to 921.6Kbps
RS-232 Signals
TxD, RxD, RTS, CTS, DTR, DSR, DCD, GND
LED Indicators
Power Indicator
Green : Power LED x 1
Data Transmission Indicator
Green LED x 4
Green LED x 8
Power
Input Power
USB bus power (self power) or Dual DC inputs by 12-48VDC on 2-pin terminal block and power jack
Power Consumption (Typ.)
1.6 Watts (320mA@5V USB Bus Power)
2 Watts (400mA@5V USB Bus Power)
Protection
Serial Port Protection
Build-in 15KV ESD protection
Driver Support
Operation System
Windows 2000 (32bit), Windows 20003/XP/Vista/2008/7 (32/64bit), Windows Mobile 5/6, PocketPC 2003, WinCE
4.2~5.2/6.0, Linux x86 (32/64bit)
Physical Characteristics
Enclosure
IP-30
Dimensions (W x D x H)
26.1(W) x 94.9(D) x 144.3(H) mm (1.03 x 3.74 x 5.68 inch)
Weight (g)
348g
350g
Environmental
Storage Temperature
-40 to 85°C (-40 to 185°F)
Operating Temperature
-40 to 70°C (-40 to 158°F)
Operating Humidity
5% to 95% Non-condensing
1
2
3
4
1
2
3
4
5
6
7
8
P9
OD 5.0mm
P5
P1
P6
P1
P21
P43
P62
DB62 Male to 8-port
DB9 connector
(For ISC-8110U)
DB62 Male to 4-port
DB9 connector
(For ISC-4110U)
v1.2 / Dec, 2011



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com