Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5251 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5251
Description  Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5251 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5251 Datasheet HTML 9Page - Analog Devices AD5251 Datasheet HTML 10Page - Analog Devices AD5251 Datasheet HTML 11Page - Analog Devices AD5251 Datasheet HTML 12Page - Analog Devices AD5251 Datasheet HTML 13Page - Analog Devices AD5251 Datasheet HTML 14Page - Analog Devices AD5251 Datasheet HTML 15Page - Analog Devices AD5251 Datasheet HTML 16Page - Analog Devices AD5251 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD5251/AD5252
Rev. 0 | Page 13 of 28
RDAC/EEMEM Quick Commands
The AD5251/AD5252 feature 12 quick commands that facilitate
easy manipulation of RDAC wiper settings and provide RDAC-
to-EEMEM storing and restoring functions. The command
format is shown in Figure 11 and the command descriptions are
shown in Table 9.
0 WRITE
1 CMD
S
0
1
0
1
1
A
D
1
A
D
0
0
A
C
3
C
2
C
1
C
0
A
2
A
1
A
0
A
P
RDAC SLAVE ADDRESS
CMD/
REG
FROM MASTER TO SLAVE
FROM SLAVE TO MASTER
S = START CONDITION
P = STOP CONDITION
A = ACKNOWLEDGE (SDA LOW)
A = NOT ACKNOWLEDGE (SDA HIGH)
AD1, AD0 = I2C DEVICE ADDRESS BITS. MUST MATCH WITH THE LOGIC STATES AT PINS AD1, AD0
R/W = READ ENABLE BIT, LOGIC HIGH/WRITE ENABLE BIT, LOGIC LOW
CMD/REG = COMMAND ENABLE BIT, LOGIC HIGH/REGISTER ACCESS BIT, LOGIC LOW
C3, C2, C1, C0 = COMMAND BITS
A2, A1, A0 = RDAC/EEMEM REGISTER ADDRESSES
Figure 11. RDAC Quick Command Write (Dummy Write)
Table 9. RDAC-to-EEMEM Interface and RDAC Operation Quick Command Bits (CMD/REG = 1, A2 = 0)
C3
C2
C1
C0
Command Description
0
0
0
0
NOP
0
0
0
1
Restore EEMEM (A1, A0) to RDAC (A1, A0)1
0
0
1
0
Store RDAC (A1, A0) to EEMEM (A1, A0)
0
0
1
1
Decrement RDAC (A1, A0) 6 dB
0
1
0
0
Decrement all RDACs 6 dB
0
1
0
1
Decrement RDAC (A1, A0) one step
0
1
1
0
Decrement all RDACs one step
0
1
1
1
Reset: Restore EEMEMs to all RDACs
1
0
0
0
Increment RDACs (A1, A0) 6 dB
1
0
0
1
Increment all RDACs 6 dB
1
0
1
0
Increment RDACs (A1, A0) one step
1
0
1
1
Increment all RDACs one step
1
1
0
0
Reserved
:
:
:
:
1
1
1
1
Reserved
1 This command leaves the device in the EEMEM read power state, which consumes power. Users should issue the NOP command to return the device to the idle state.
Table 10. Address Table for Reading Tolerance (CMD/REG = 0, EE/RDAC = 1, A4 = 1)
A4
A3
A2
A1
A0
Data Byte Description
0
0
0
0
0
Reserved
:
:
:
:
:
1
1
0
0
1
Reserved
1
1
0
1
0
Sign and 7-bit integer values of RDAC1 tolerance (read only)
1
1
0
1
1
8-bit decimal value of RDAC1 tolerance (read only)
1
1
1
0
0
Reserved
1
1
1
0
1
Reserved
1
1
1
1
0
Sign and 7-bit integer values of RDAC3 tolerance (read only)
1
1
1
1
1
8-bit decimal value of RDAC3 tolerance (read only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com