Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9736 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9736
Description  14/12/10-Bit, 1200 MSPS D/A Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9736 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9736 Datasheet HTML 18Page - Analog Devices AD9736 Datasheet HTML 19Page - Analog Devices AD9736 Datasheet HTML 20Page - Analog Devices AD9736 Datasheet HTML 21Page - Analog Devices AD9736 Datasheet HTML 22Page - Analog Devices AD9736 Datasheet HTML 23Page - Analog Devices AD9736 Datasheet HTML 24Page - Analog Devices AD9736 Datasheet HTML 25Page - Analog Devices AD9736 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
AD9736/AD9735/AD9734
Preliminary Technical Data
Rev. PrJ | Page 22 of 42
AD9736 DATA INTERFACE CONTROLLERS
There are 2 internal controllers that can be utilized in the operation
of the AD9736. The first controller helps maintain optimum LVDS
data sampling and the second controller helps maintain optimum
synchronization between the DACCLK and the incoming data. The
LVDS controller is responsible for optimizing the sampling of the
data from the LVDS bus (DB13:0) while the SYNC controller
resolves timing problems between the DAC_CLK (CLK+, CLK-)
and the DATACLK. A block diagram of these controllers is shown
in Figure 23.
The controllers are clocked with a divided down version of the
DAC_CLK. The divide ratio is set utilizing the controller clock
predivider bits (CCD<3:0>) located at REG22 bits 3:0 to generate
the controller clock as follows:
Controller Clock = DAC_CLK / ( 2 ^ ( CCD<3 :0> + 4 ))
NOTE
: The controller clock may not exceed 10MHz for correct
operation. Until CCD<3:0> has been properly programmed to
meet this requirement the DAC output may not be stable.
The LVDS and SYNC controllers can be independently operated in
3 different modes via SPI port REG06 and REG08.
1.
Manual Mode
2.
Surveillance Mode
3.
Auto Mode
In manual mode all of the timing measurements and updates are
externally controlled via the SPI.
In surveillance mode each controller takes measurements and
calculates a new “optimal” value continuously. The result of the
measurement can be passed through an averaging filter before
evaluating the results for increased noise immunity. The filtered
result is compared to a threshold value set via REG06 and REG08
of the SPI port. If the error is greater then the threshold, an
interrupt is triggered and the controller stops. REG01 of the SPI
port controls the interrupts with bits 3 and 2 enabling the
respective interrupts and bits 7 and 6 indicating the respective
controller’s interrupt. If an interrupt is enabled it will also activate
the AD9736’s IRQ pin. In order to clear an interrupt the interrupt
enable bit of the respective controller must be set to a zero for at
least one controller clock cycle (controller clock < 10MHz).
Auto mode is almost identical to surveillance mode. Instead of
triggering an interrupt and stopping the controller, the controller
automatically updates its settings to the newly calculated “optimal”
value and continues to run.
Figure 23.AD9736 Internal Synchronization Engine
Data Source
i.e. FPGA
LVDS
SAMPLE
LOGIC
FIFO
SYNC
LOGIC
DAC
DACCLK
DATACLK_OUT
DB<13:0>
DATACLK_IN
CLK Control
LVDS
Controller
SYNC
Controller
Data Source
i.e. FPGA
LVDS
SAMPLE
LOGIC
FIFO
SYNC
LOGIC
DAC
DACCLK
DATACLK_OUT
DB<13:0>
DATACLK_IN
CLK Control
LVDS
Controller
SYNC
Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com