Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7460 Datasheet(PDF) 21 Page - Analog Devices

Part # ADT7460
Description  dB COOL Remote Thermal Controller and Fan Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7460 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADT7460 Datasheet HTML 17Page - Analog Devices ADT7460 Datasheet HTML 18Page - Analog Devices ADT7460 Datasheet HTML 19Page - Analog Devices ADT7460 Datasheet HTML 20Page - Analog Devices ADT7460 Datasheet HTML 21Page - Analog Devices ADT7460 Datasheet HTML 22Page - Analog Devices ADT7460 Datasheet HTML 23Page - Analog Devices ADT7460 Datasheet HTML 24Page - Analog Devices ADT7460 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
REV. 0
ADT7460
–21–
7 6 54 3 2 1 0
22.76ms
45.52ms
THERM
91.04ms
182.08ms
364.16ms
728.32ms
1.457s
2.914s
IN
OUT
RESET
LATCH
STATUS REGISTER 2
CLEARED
ON READ
F4P BIT (BIT 5)
MASK REGISTER 2
(REG. 0x75)
1 = MASK
SMBALERT
F4P BIT (BIT 5)
THERM TIMER CLEARED ON READ
COMPARATOR
THERM
TIMER
(REG. 0x79)
7
6
5
4
3
2
1
0
22.76ms
45.52ms
91.04ms
182.08ms
364.16ms
728.32ms
1.457s
2.914s
THERM LIMIT
(REG. 0x7A)
Figure 26. Functional Diagram of ADT7460’s
THERM Monitoring Circuitry
Configuring the Desired
THERM Behavior
1. Configure the
THERM input.
Setting Bit 1 (PHOT) of Configuration Register 3 (Reg. 0x78)
enables the
THERM monitoring function.
2. Select the desired fan behavior for
THERM events.
Setting Bit 2 (BOOST bit) of Configuration Register 3
(Reg. 0x78) causes all fans to run at 100% duty cycle whenever
THERM gets asserted. This allows fail-safe system cooling.
If this bit = 0, the fans will run at their current settings and
will not be affected by
THERM events.
3. Select whether
THERM events should generate
SMBALERT interrupts.
Bit 5 (F4P) of Mask Register 2 (Reg. 0x75), when set,
masks out
SMBALERTs when the THERM limit value gets
exceeded. This bit should be cleared if
SMBALERTs based
on
THERM events are required.
4. Select a suitable
THERM limit value.
This value determines whether an
SMBALERT is generated
on the first
THERM assertion, or only if a cumulative THERM
assertion time limit is exceeded. A value of 0x00 causes an
SMBALERT to be generated on the first THERM assertion.
5. Select a
THERM monitoring time.
This is how often OS or BIOS level software checks the
THERM timer. For example, BIOS could read the THERM
timer once an hour to determine the cumulative
THERM
assertion time. If, for example, the total
THERM assertion
time is <22.76 ms in Hour 1, >182.08 ms in Hour 2, and
>5.825 s in Hour 3, this can indicate that system perfor-
mance is degrading significantly since
THERM is asserting
more frequently on an hourly basis.
Alternatively, OS or BIOS level software can time-stamp when
the system is powered on. If an
SMBALERT is generated due
to the
THERM limit being exceeded, another time-stamp can
be taken. The difference in time can be calculated for a fixed
THERM Limit Register. This 8-bit register allows a limit from
0 seconds (first
THERM assertion) to 5.825 seconds to be set
before an
SMBALERT is generated. The THERM Timer value
is compared with the contents of the
THERM Limit Register. If
the
THERM Timer value exceeds the THERM Limit value,
then the F4P bit (Bit 5) of Status Register 2 gets set, and an
SMBALERT is generated. Note that the F4P bit (Bit 5) of
Mask Register 2 (Reg. 0x75) will mask out
SMBALERTs if this
bit is set to 1, although the F4P bit of Interrupt Status Register 2
will still get set if the
THERM Limit is exceeded.
Figure 26 is a Functional Block Diagram of the
THERM timer,
limit, and associated circuitry. Writing a value of 0x00 to the
THERM Limit Register (Reg. 0x7A) causes SMBALERT to
be generated on the first
THERM assertion. A THERM Limit
value of 0x01 generates an
SMBALERT once cumulative THERM
assertions exceed 45.52 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com