Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF4910 Datasheet(PDF) 2 Page - Anachip Corp

Part # AF4910
Description  Dual N-Channel 30-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AF4910 Datasheet(HTML) 2 Page - Anachip Corp

  AF4910 Datasheet HTML 1Page - Anachip Corp AF4910 Datasheet HTML 2Page - Anachip Corp AF4910 Datasheet HTML 3Page - Anachip Corp AF4910 Datasheet HTML 4Page - Anachip Corp AF4910 Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AF4910N
Dual N-Channel 30-V (D-S) MOSFET
Anachip Corp.
www.anachip.com.tw
Rev. 1.1 Jul 20, 2004
2/5
Absolute Maximum Ratings (T
A=25ºC unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-Source Voltage
±20
V
TA=25ºC
10
ID
Continuous Drain Current (Note 1)
TA=70ºC
8.2
A
IDM
Pulsed Drain Current (Note 2)
±50
A
IS
Continuous Source Current (Diode Conduction) (Note 1)
2.3
A
TA=25ºC
2.1
PD
Power Dissipation (Note 1)
TA=70ºC
1.3
W
TJ, TSTG
Operating Junction and Storage Temperature Range
-55 to 150
ºC
Thermal Resistance Ratings
Symbol
Parameter
Maximum
Units
RθJC
Maximum Junction-to-Case (Note 1)
t < 5 sec
40
ºC/W
RθJA
Maximum Junction-to-Ambient (Note 1)
t < 5 sec
60
ºC/W
Note 1: surface Mounted on 1”x 1” FR4 Board.
Note 2: Pulse width limited by maximum junction temperature
Specifications (T
A=25ºC unless otherwise noted)
Limits
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Static
V(BR)DSS Drain-Source breakdown Voltage
VGS=0V, ID=250uA
30
-
-
V
VGS(th)
Gate-Threshold Voltage
VDS= VGS, ID=250uA
1
1.95
3.0
V
IGSS
Gate-Body Leakage
VDS=0V, VGS=20V
-
-
±100
nA
VDS=24V, VGS=0V
-
-
1
IDSS
Zero Gate Voltage Drain Current
VDS=24V, VGS=0V,
TJ=55ºC
-
-
25
uA
ID(on)
On-State Drain Current (Note 3)
VDS=5V, VGS=10V
20
-
-
A
VGS=10V, ID=10A
-
11
13.5
VGS=4.5V, ID=8A
-
15
20
rDS(on)
Drain-Source On-Resistance (Note 3)
VGS=10V, ID=15A,
TJ=55ºC
-
12.5
15
mΩ
gfs
Forward Tranconductance (Note 3)
VDS=15V, ID=10A
-
40
-
S
VSD
Diode Forward Voltage
IS=2.3A, VGS=0V
-
0.7
1.1
V
Dynamic (Note 4)
Qg
Total Gate Charge
-
20
34
Qgs
Gate-Source Charge
-
7.0
-
Qgd
Gate-Drain Charge
VDS=15V, VGS=5V,
ID=10A
-
7.0
-
nC
Switching
td(on)
Turn-On Delay Time
-
20
30
tr
Rise Time
-
9
20
td(off)
Turn-Off Delay Time
-
70
102
tf
Fall-Time
VDD=25, RL=25Ω,
ID=1A, VGEN=10V
-
20
81
trr
Source-Ddrain Reverse Recovery Time
IF=2.3A, Di/Dt=100A/us
-
41
80
nS
Note 3: Pulse test: PW < 300us duty cycle < 2%.
Note 4: Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com