Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1H1 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # 1H1
Description  1.0AMP HIGH EFFICIENCY RECTIFIER- 50 to 1000 Volts2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

1H1 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  1H1 Datasheet HTML 1Page - PACELEADER INDUSTRIAL 1H1 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Low power loss, high efficiency
* Low leakage
* Low forward voltage
* High current capability
* High speed switching
* High surge capability
* High reliability
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.12 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted)
R-1
MAXIMUM RATINGS (At TA = 25oC unless otherwise noted)
NOTES : 1. Test Conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts
Dimensions in inches and (millimeters)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Amps
1.0
25
20
-55 to + 150
Amps
pF
0
C
1H1
1H2
UNITS
50
35
50
100
70
100
Volts
Volts
Volts
15
50
at Rated DC Blocking Voltage TA = 25oC
CHARACTERISTICS
Maximum Full Load Reverse Current
Average, Full Cycle .375” (9.5mm) lead length at TL = 55oC
Maximum Reverse Recovery Time (Note 1)
VF
SYMBOL
IR
trr
5.0
150
75
uAmps
uAmps
nSec
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 1.0A DC
Volts
1H1
1H2
1H3
1H4
1H5
1H6
1H7
UNITS
1H8
1.0
1.70
1H3
1H4
1H5
200
140
200
300
210
300
400
280
400
1H6
1H8
1H7
600
420
600
1000
700
1000
800
560
800
1H5P
400
280
400
1H5P
1.0
1.3
.102(2.60)
.091(2.30)
.025(0.64)
.021(0.53)
.126(3.20)
.106(2.70)
*
1
www.paceleader.tw
at TA = 50
Pb-Free package is available
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"


Similar Part No. - 1H1

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
1H1 WTE-1H1 Datasheet
46Kb / 3P
1.0A MINIATURE HIGH EFFICIENCY RECTIFIER
logo
Rectron Semiconductor
1H1 RECTRON-1H1 Datasheet
27Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Dc Components
1H1 DCCOM-1H1 Datasheet
417Kb / 2P
TECHINCAL SPECIFICATIONS OF MINIATURE HIGH EFFICIENCY RECTIFIER
logo
Formosa MS
1H1 FORMOSA-1H1 Datasheet
34Kb / 2P
1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Won-Top Electronics
1H1 WTE-1H1 Datasheet
50Kb / 4P
1.0A ULTRAFAST DIODE
More results

Similar Description - 1H1

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
RL101GP CHENYI-RL101GP Datasheet
204Kb / 2P
1.0Amp standard recovery rectifier 50-1000 volts
logo
WILLAS ELECTRONIC CORP
1H1 WILLAS-1H1 Datasheet
663Kb / 2P
1.0AMP HIGH EFFICIENCY RECTIFIER-50 to 1000 Volts
HER101 WILLAS-HER101 Datasheet
1Mb / 2P
1.0AMP HIGH EFFICIENCY RECTIFIER-50 to 1000 Volts
HER201 WILLAS-HER201 Datasheet
1Mb / 2P
2.0AMP HIGH EFFICIENCY RECTIFIER- 50 to 1000 Volts
logo
Gaomi Xinghe Electronic...
S1A GXELECTRONICS-S1A Datasheet
233Kb / 1P
1.0Amp Surface Mount Glass Passivated Rectifier 50 to 1000 Volts
logo
Chongqing Pingwei Enter...
HER101 CHONGQING-HER101_16 Datasheet
193Kb / 1P
1.0AMP. HIGH EFFICIENCY PLASTIC RECTIFIER
HS1A CHONGQING-HS1A Datasheet
199Kb / 1P
1.0AMP. HIGH EFFICIENCY PLASTIC RECTIFIER
logo
PACELEADER INDUSTRIAL
HER101 PACELEADER-HER101 Datasheet
1Mb / 2P
1.0AMP HIGH EFFICIENCY RECTIFIER- 50 to 1000 Volts2
HER201 PACELEADER-HER201 Datasheet
1Mb / 2P
2.0AMP HIGH EFFICIENCY RECTIFIER- 50 to 1000 Volts2
HER301 PACELEADER-HER301 Datasheet
704Kb / 2P
3.0AMP HIGH EFFICIENCY RECTIFIER- 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com