Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25F80 Datasheet(PDF) 1 Page - International Rectifier

Part # 25F80
Description  STANDARD RECOVERY DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

25F80 Datasheet(HTML) 1 Page - International Rectifier

  25F80 Datasheet HTML 1Page - International Rectifier 25F80 Datasheet HTML 2Page - International Rectifier 25F80 Datasheet HTML 3Page - International Rectifier 25F80 Datasheet HTML 4Page - International Rectifier 25F80 Datasheet HTML 5Page - International Rectifier 25F80 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
25F(R) SERIES
STANDARD RECOVERY DIODES
25 A
1
Stud Version
Bulletin I2018 rev. B 09/98
www.irf.com
Features
High surge current capability
Avalanche types available
Stud cathode and stud anode version
Wide current range
Types up to 1200V V
RRM
TypicalApplications
Battery charges
Converters
Power supplies
Machine tool controls
Parameters
25F(R)
Units
I
F(AV)
25
A
@ T
C
120
°C
I
F(RMS)
40
A
I
FSM
@ 50Hz
356
A
@ 60Hz
373
A
I2t@ 50Hz
636
A2s
@ 60Hz
580
A2s
V
RRM
range
100 to 1200
V
T
J
range
- 65 to 175
°C
Major Ratings and Characteristics
case style
DO-203AA (DO-4)


Similar Part No. - 25F80

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
25F80 VISHAY-25F80 Datasheet
136Kb / 6P
Standard Recovery Diodes(Stud Version), 25 A
29-Sep-08
logo
Naina Semiconductor ltd...
25F80 NAINA-25F80 Datasheet
112Kb / 2P
Standard Recovery Diodes (Stud Version)
logo
Vishay Siliconix
25F80M VISHAY-25F80M Datasheet
136Kb / 6P
Standard Recovery Diodes(Stud Version), 25 A
29-Sep-08
25F80M VISHAY-25F80M Datasheet
155Kb / 7P
Standard Recovery Diodes (Stud Version), 25 A
29-Sep-08
More results

Similar Description - 25F80

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16F IRF-16F Datasheet
71Kb / 6P
STANDARD RECOVERY DIODES
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
Standard Recovery Diodes, Standard Recovery Diodes,
07-Apr-14
logo
Nell Semiconductor Co.,...
NKE600 NELLSEMI-NKE600_17 Datasheet
685Kb / 5P
Standard Recovery Diodes
D1100B NELLSEMI-D1100B_17 Datasheet
832Kb / 7P
Standard Recovery Diodes
D3800E NELLSEMI-D3800E_17 Datasheet
667Kb / 5P
Standard Recovery Diodes
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
Standard Recovery Diodes, Standard Recovery Diodes,
11-Jan-18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com