Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR301 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # FR301
Description  VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

FR301 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  FR301 Datasheet HTML 1Page - PACELEADER INDUSTRIAL FR301 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes
FEATURES
* Fast switching
* Low leakage
* Low forward voltage drop
* High current capability
* High current surge
* High reliability
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 1.18 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
FR301
FR307
DO-201AD
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
NOTES : 1. Test Conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts
Dimensions in inches and (millimeters)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA= 75
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Volts
Volts
Volts
Amps
3.0
200
65
-65 to + 150
Amps
pF
0 C
50
35
50
100
200
140
70
100
200
400
280
400
600
420
600
600
420
600
800
560
800
1000
700
1000
1000
700
1000
UNITS
FR301 FR302 FR303 FR304 FR305 FR305P FR306 FR307 FR307P
150
at Rated DC Blocking Voltage TA = 25
oC
CHARACTERISTICS
Maximum Full Load Reverse Current Average,
Full Cycle .375” (9.5mm) lead length at TL = 55
oC
Maximum Reverse Recovery Time (Note 1)
VF
SYMBOL
IR
trr
UNITS
1.3
10
150
250
500
uAmps
uAmps
nSec
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 3.0A DC
Volts
FR301 FR302 FR303 FR304 FR305 FR305P FR306 FR307 FR307P
150
250
*
1
THRU
www.paceleader.tw
FAST RECOVERY RECTIFIER
Polarity : Indicated by cathode band
Pb-Free package is available
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"


Similar Part No. - FR301

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR301 WTE-FR301 Datasheet
46Kb / 3P
3.0A FAST RECOVERY RECTIFIER
logo
Zowie Technology Corpor...
FR301 ZOWIE-FR301 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER
logo
Rectron Semiconductor
FR301 RECTRON-FR301 Datasheet
25Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
logo
Jinan Gude Electronic D...
FR301 JGD-FR301 Datasheet
143Kb / 2P
3.0 AMPS. FAST RECOVRY RECTIFIERS
logo
Bytes
FR301 BYTES-FR301 Datasheet
152Kb / 2P
3.0 AMP FAST RECOVERY RECTIFIERS
More results

Similar Description - FR301

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
1N5400 DAESAN-1N5400 Datasheet
213Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
KBPC3005 DAESAN-KBPC3005 Datasheet
178Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
FR301 DAESAN-FR301 Datasheet
312Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
HER301G DAESAN-HER301G Datasheet
306Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Chenmko Enterprise Co. ...
1N5400PT CHENMKO-1N5400PT Datasheet
78Kb / 2P
VOLTAGE RANGE 50 - 1000 Volts CURRENT 3.0 Amperes
logo
Shenzhen Ping Sheng Ele...
KBP301 PFS-KBP301 Datasheet
556Kb / 2P
Voltage Range 50 to 1000 Volts Current 3.0 Amperes
logo
WILLAS ELECTRONIC CORP
BR305 WILLAS-BR305 Datasheet
267Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes
1N5400 WILLAS-1N5400 Datasheet
283Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes
FR301 WILLAS-FR301 Datasheet
280Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes
logo
DONGGUAN YOU FENG WEI E...
KBP301-KBP YFWDIODE-KBP301-KBP Datasheet
895Kb / 2P
Voltage Range 50 to 1000 Volts Current 3.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com