Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER201 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # HER201
Description  2.0AMP HIGH EFFICIENCY RECTIFIER- 50 to 1000 Volts2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

HER201 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  HER201 Datasheet HTML 1Page - PACELEADER INDUSTRIAL HER201 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Low power loss, high efficiency
* Low leakage
* Low forward voltage drop
* High current capability
* High speed switching
* High surge capability
* High reliability
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.4 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
Operating and Storage Temperature Range
TJ, TSTG
-65 to + 150
0 C
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA= 50
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IO
IFSM
CJ
VRMS
Amps
2.0
60
30
Amps
pF
HER201 HER202 HER203 HER204 HER205
HER206
HER208 UNITS
200
HER207
50
35
50
100
70
100
140
200
300
210
300
400
280
400
600
420
600
1000
700
1000
800
560
800
Volts
Volts
Volts
20
HER205P
400
280
400
50
Maximum Reverse Recovery Time (Note 1)
trr
75
nSec
at Rated DC Blocking Voltage TA = 25
oC
CHARACTERISTICS
Maximum Full Load Reverse Current
Average, Full Cycle .375” (9.5mm) lead length at TL = 55
oC
VF
SYMBOL
IR
5.0
100
uAmps
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 2.0A DC
Volts
1.0
1.70
HER201 HER202 HER203 HER204 HER205
HER206
HER208 UNITS
HER207
HER205P
1.
1.0
* RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"
R
θJA / J C
40
/ 10
0 C/W
Dimensions in inches and (millimeters)
.142(3.61)
.102(2.60)
.034(0.90)
.028(0.70)
.300(7.63)
.230(5.80)
PACKAGE
NOTES : 1. Test Conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts
1
www.paceleader.tw
Typical Thermal resistance


Similar Part No. - HER201

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER201 WTE-HER201 Datasheet
49Kb / 3P
2.0A HIGH EFFICIENCY RECTIFIER
logo
Zowie Technology Corpor...
HER201 ZOWIE-HER201 Datasheet
50Kb / 2P
HIGH EFFICIENCY RECITIFIER
logo
Rectron Semiconductor
HER201 RECTRON-HER201 Datasheet
43Kb / 2P
HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere)
logo
Jinan Gude Electronic D...
HER201 JGD-HER201 Datasheet
165Kb / 2P
2.0 AMPS.HIGH EFFICIENCY RECTIFIERS
logo
Bytes
HER201 BYTES-HER201 Datasheet
154Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER201

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HER101 RECTRON-HER101 Datasheet
29Kb / 2P
HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
HER501 RECTRON-HER501 Datasheet
30Kb / 2P
HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 5.0 Ampere)
logo
WILLAS ELECTRONIC CORP
1H1 WILLAS-1H1 Datasheet
663Kb / 2P
1.0AMP HIGH EFFICIENCY RECTIFIER-50 to 1000 Volts
HER101 WILLAS-HER101 Datasheet
1Mb / 2P
1.0AMP HIGH EFFICIENCY RECTIFIER-50 to 1000 Volts
HER201 WILLAS-HER201 Datasheet
1Mb / 2P
2.0AMP HIGH EFFICIENCY RECTIFIER- 50 to 1000 Volts
logo
Rectron Semiconductor
HER201 RECTRON-HER201_11 Datasheet
218Kb / 7P
HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
logo
PACELEADER INDUSTRIAL
1H1 PACELEADER-1H1 Datasheet
578Kb / 2P
1.0AMP HIGH EFFICIENCY RECTIFIER- 50 to 1000 Volts2
HER101 PACELEADER-HER101 Datasheet
1Mb / 2P
1.0AMP HIGH EFFICIENCY RECTIFIER- 50 to 1000 Volts2
HER301 PACELEADER-HER301 Datasheet
704Kb / 2P
3.0AMP HIGH EFFICIENCY RECTIFIER- 50 to 1000 Volts
logo
Rectron Semiconductor
HER601G RECTRON-HER601G Datasheet
110Kb / 7P
HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com