Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1045LPS Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # MBR1045LPS
Description  10.0A SCHOTTKY BARRIER RECTIFIERS 45V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

MBR1045LPS Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  MBR1045LPS Datasheet HTML 1Page - PACELEADER INDUSTRIAL MBR1045LPS Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CUEVES
0
2
4
6
8
10
12
0
25
50
75
100
125
150
T
L, Lead Temperature (°C)
0.001
0.01
0.1
1
10
100
20
40
60
80
100
TJ = 25°C
TJ = 75°C
TJ = 125°C
TJ = 150°C
Fig.3 Typical Reverse Characteristics
Fig.4 Typical Forward Characteristics
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
1
10
100
1000
10000
1
10
100
VR, Reverse Bias Voltage (V)
0.1
1
10
0
0.2
0.4
0.6
VF, Forward Voltage (V)
TJ = 150°C
TJ = 125°C
TJ = 25°C
TJ = 75°C
Percent of Rated Peak Reverse Voltage (%)
2
10.0A SCHOTTKY BARRIER RECTIFIERS 45V
MBR1045LPS
www.paceleader.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com