Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR207P Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # FR207P
Description  VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

FR207P Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  FR207P Datasheet HTML 1Page - PACELEADER INDUSTRIAL FR207P Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
FEATURES
* Fast switching
* Low leakage
* Low forward voltage drop
* High current capability
* High current surge
* High reliability
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.38 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
FR201 THRU FR207
DO-15
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
NOTES : 1. Test Conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts
Dimensions in inches and (millimeters)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 75
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Volts
Volts
Volts
Amps
2.0
70
40
-65 to + 150
Amps
pF
0 C
50
35
50
100
200
140
70
100
200
400
280
400
600
420
600
600
420
600
800
560
800
1000
700
1000
1000
700
1000
UNITS
FR201 FR202 FR203 FR204 FR205 FR205P FR206 FR207 FR207P
150
at Rated DC Blocking Voltage TA = 25
oC
CHARACTERISTICS
Maximum Full Load Reverse Current Full Cycle Average,
.375” (9.5mm) lead length at TL = 55
oC
Maximum Reverse Recovery Time (Note 1)
VF
SYMBOL
IR
trr
UNITS
1.3
5.0
100
250
500
uAmps
uAmps
nSec
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 2.0A DC
Volts
FR201 FR202 FR203 FR204 FR205 FR205P FR206 FR207 FR207P
150
250
Typical Thermal Resistance
R
θ JA
40
0C/ W
*
1
www.paceleader.tw
FAST RECOVERY RECTIFIER
Pb-Free package is available
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"
Polarity : Indicated by cathode band


Similar Part No. - FR207P

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR207P RECTRON-FR207P Datasheet
24Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Leshan Radio Company
FR207P LRC-FR207P Datasheet
50Kb / 2P
2A FAST RECOVERY DIODES
logo
Rectron Semiconductor
FR207P-B RECTRON-FR207P-B Datasheet
34Kb / 3P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
FR207P-T RECTRON-FR207P-T Datasheet
34Kb / 3P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
logo
Chenmko Enterprise Co. ...
FR207PT CHENMKO-FR207PT Datasheet
93Kb / 2P
FAST RECOVERY RECTIFIER
More results

Similar Description - FR207P

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
KB201 DAESAN-KB201 Datasheet
236Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
KBL201 DAESAN-KBL201 Datasheet
176Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
KBP005 DAESAN-KBP005 Datasheet
234Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
HER201 DAESAN-HER201 Datasheet
228Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
HER201G DAESAN-HER201G Datasheet
284Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
RL201 DAESAN-RL201 Datasheet
308Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
UF201 DAESAN-UF201 Datasheet
283Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
logo
WILLAS ELECTRONIC CORP
FR201 WILLAS-FR201 Datasheet
250Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
logo
Rectron Semiconductor
RL207-B RECTRON-RL207-B Datasheet
32Kb / 3P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
FR204-B RECTRON-FR204-B Datasheet
34Kb / 3P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com