Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR10150CT Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # MBR10150CT
Description  10.0A SCHOTTKY BARRIER RECTIFIERS 150V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

MBR10150CT Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  MBR10150CT Datasheet HTML 1Page - PACELEADER INDUSTRIAL MBR10150CT Datasheet HTML 2Page - PACELEADER INDUSTRIAL MBR10150CT Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
• High Junction Temperature Capability
•
Low Leakage Current
Catalog
Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MBR 10150 CT
150 V
105V
150 V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
10 A
TC =125°C
Peak Forward Surge
Current
IFSM
120A
8.3ms half sine
Maximum
Instantaneous
Forward Voltage
MBR10150CT
VF
.92V
IFM =5A
TJ =25°C
TO-220AB
Marking : type number
•
Maximum Ratings
•
Operating Junction Temperature : 150°C
•
Storage Temperature: - 50°C to +150°C
•
Per d iodeThermal Resistance 4°C/W Junction to Case
•
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0 and MSL Rating 1
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
IFM =5A
TJ = 125°C
.75V
Maximum
Reverse Current At
Rated DC Blocking
Voltage
TJ = 125°C
7mA
TJ = 25°C
IR
50uA
Mounting Torgue:
5 in-lbs Maximum
•
10.0A SCHOTTKY BARRIER RECTIFIERS 150V
MBR10150CT
Dimensions in inches and (millimeters)
.190(4.83)
.210(5.33)
.190(2.29)
.110(2.79)
.380(9.65)
.420(10.67)
.140(3.56)
.190(4.82)
.045(1.14)
.055(1.39)
.050(1.27)
.050(1.14)
.060(1.52)
.080(2.04)
.115(2.92)
.012(0.30)
.025(0.64)
1
www.paceleader.tw
Pb-Free package is available
RoHS product for packing code suffix ”G”
Halogen free product for packing code suffix “H”


Similar Part No. - MBR10150CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR10150CT MCC-MBR10150CT Datasheet
650Kb / 3P
10 Amp High Voltage 150Volts Barrier Rectifier Power Schottky
logo
Taiwan Semiconductor Co...
MBR10150CT TSC-MBR10150CT Datasheet
99Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
MBR10150CT TSC-MBR10150CT Datasheet
169Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
MBR10150CT TSC-MBR10150CT Datasheet
96Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
logo
KEC(Korea Electronics)
MBR10150CT KEC-MBR10150CT Datasheet
35Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION. CONVERTER & CHOPPER APPLICATION
More results

Similar Description - MBR10150CT

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SB10150CT GULFSEMI-SB10150CT Datasheet
109Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 10.0A
logo
Shenzhen Luguang Electr...
SR1020 LUGUANG-SR1020 Datasheet
189Kb / 2P
10.0A Schottky Barrier Rectifiers
logo
Nanjing International G...
SR1040-10A-DO-27 DGNJDZ-SR1040-10A-DO-27 Datasheet
480Kb / 2P
SCHOTTKY BARRIER RECTIFIERS 10.0A
SR1045-10A-DO-27 DGNJDZ-SR1045-10A-DO-27 Datasheet
480Kb / 2P
SCHOTTKY BARRIER RECTIFIERS 10.0A
SR1060-10A-DO-27 DGNJDZ-SR1060-10A-DO-27 Datasheet
480Kb / 2P
SCHOTTKY BARRIER RECTIFIERS 10.0A
SR1080-10A-DO-27 DGNJDZ-SR1080-10A-DO-27 Datasheet
480Kb / 2P
SCHOTTKY BARRIER RECTIFIERS 10.0A
SR10100-10A-DO-27 DGNJDZ-SR10100-10A-DO-27 Datasheet
480Kb / 2P
SCHOTTKY BARRIER RECTIFIERS 10.0A
SR1020-10A-DO-27 DGNJDZ-SR1020-10A-DO-27 Datasheet
480Kb / 2P
SCHOTTKY BARRIER RECTIFIERS 10.0A
SR1020.10A-DO-27 DGNJDZ-SR1020.10A-DO-27 Datasheet
480Kb / 2P
SCHOTTKY BARRIER RECTIFIERS 10.0A
logo
PACELEADER INDUSTRIAL
MBR10150FCT PACELEADER-MBR10150FCT Datasheet
355Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS 150V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com