Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR10150FCT Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # MBR10150FCT
Description  10.0A SCHOTTKY BARRIER RECTIFIERS 150V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

MBR10150FCT Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  MBR10150FCT Datasheet HTML 1Page - PACELEADER INDUSTRIAL MBR10150FCT Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Maximum Ratings
•
Operating Junction Temperature: -50°C to +150°C
•
Storage Temperature: -50°C to +150°C
Catalog
Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MBR10150FCT
150V
105V
150V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
10 A
TC = 100°C
Peak Forward Surge
Current
IFSM
120A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
ITO-220
IR
50uA
TJ = 25°C
VF
.92V
IF = 5A;
.75V
IF = 5A;
TJ = 25°C
TJ = 125°C
•
•
High Junction Temperature Capability
•
Low Forward Voltage
•
Marking: type number
•
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
and MSL Rating 1
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
10.0A SCHOTTKY BARRIER RECTIFIERS 150V
MBR10150FCT
.035(1.00)
.022(0.55)
.067(1.70)
.039(1.00)
.189(4.80)
.169(4.30)
.134(3.40)
.110(2.54)
.031(0.80)
.015(0.38)
.114(2.90)
.098(2.50)
.138(3.50)
.118(3.00)
.560(14.22)
.492(12.50)
.406(10.30)
.382(9.70)
.642(16.30)
.571(14.50)
.108(2.75)
.091(2.30)
.114(2.90)
.098(2.50)
.171(4.35)
.138(3.50)
Dimensions in inches and (millimeters)
MAX.(1.80)
1
www.paceleader.tw
Pb-Free package is available
RoHS product for packing code suffix ”G”
Halogen free product for packing code suffix “H”


Similar Part No. - MBR10150FCT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR10150FCT MCC-MBR10150FCT Datasheet
771Kb / 3P
10 Am p High Voltage Power Schottky Barrier Rectifier 150 Volts
logo
Compact Technology Corp...
MBR10150FCT CTC-MBR10150FCT Datasheet
60Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR10150FCT PANJIT-MBR10150FCT Datasheet
96Kb / 2P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
MBR10150FCT MCC-MBR10150FCT Datasheet
125Kb / 3P
10 Amp HighVoltage Power Schottky Barrier Rectifier 150 Volts
logo
Kersemi Electronic Co.,...
MBR10150FCT KERSEMI-MBR10150FCT Datasheet
841Kb / 2P
10 Amp HighVoltage Power Schottky Barrier Rectifier 150 Volts
More results

Similar Description - MBR10150FCT

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SB10150CT GULFSEMI-SB10150CT Datasheet
109Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 10.0A
logo
Shenzhen Luguang Electr...
SR1020 LUGUANG-SR1020 Datasheet
189Kb / 2P
10.0A Schottky Barrier Rectifiers
logo
Nanjing International G...
SR1040-10A-DO-27 DGNJDZ-SR1040-10A-DO-27 Datasheet
480Kb / 2P
SCHOTTKY BARRIER RECTIFIERS 10.0A
SR1045-10A-DO-27 DGNJDZ-SR1045-10A-DO-27 Datasheet
480Kb / 2P
SCHOTTKY BARRIER RECTIFIERS 10.0A
SR1060-10A-DO-27 DGNJDZ-SR1060-10A-DO-27 Datasheet
480Kb / 2P
SCHOTTKY BARRIER RECTIFIERS 10.0A
SR1080-10A-DO-27 DGNJDZ-SR1080-10A-DO-27 Datasheet
480Kb / 2P
SCHOTTKY BARRIER RECTIFIERS 10.0A
SR10100-10A-DO-27 DGNJDZ-SR10100-10A-DO-27 Datasheet
480Kb / 2P
SCHOTTKY BARRIER RECTIFIERS 10.0A
SR1020-10A-DO-27 DGNJDZ-SR1020-10A-DO-27 Datasheet
480Kb / 2P
SCHOTTKY BARRIER RECTIFIERS 10.0A
SR1020.10A-DO-27 DGNJDZ-SR1020.10A-DO-27 Datasheet
480Kb / 2P
SCHOTTKY BARRIER RECTIFIERS 10.0A
logo
PACELEADER INDUSTRIAL
MBR10150CT PACELEADER-MBR10150CT Datasheet
362Kb / 3P
10.0A SCHOTTKY BARRIER RECTIFIERS 150V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com