Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53MT140KB Datasheet(PDF) 7 Page - International Rectifier

Part # 53MT140KB
Description  THREE PHASE CONTROLLED BRIDGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

53MT140KB Datasheet(HTML) 7 Page - International Rectifier

  53MT140KB Datasheet HTML 1Page - International Rectifier 53MT140KB Datasheet HTML 2Page - International Rectifier 53MT140KB Datasheet HTML 3Page - International Rectifier 53MT140KB Datasheet HTML 4Page - International Rectifier 53MT140KB Datasheet HTML 5Page - International Rectifier 53MT140KB Datasheet HTML 6Page - International Rectifier 53MT140KB Datasheet HTML 7Page - International Rectifier 53MT140KB Datasheet HTML 8Page - International Rectifier 53MT140KB Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
53-93-113MT..KB Series
7
Bulletin I27503 08/97
www.irf.com
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Total Power Loss Characteristics
Fig. 9 - Maximum Non-Repetitive Surge Current
Fig. 10 - Maximum Non-Repetitive Surge Current
Fig. 6 - Current Ratings Characteristic
80
90
100
110
120
130
0
20406080
100
Total Output Current (A)
120°
(Rect)
93MT..KB Series
1
10
100
1000
0.511.5
22.533.5
4
T = 25°C
J
Instantaneous On-state Voltage (V)
93MT..KB Series
Per Junction
T = 125°C
J
0
25
50
75
100
125
Maximum Allowable Ambient Temperature (°C)
0.3
K/W
0.5
K/W
0.7
K/W
1 K/W
1.5 K/W
0.4
K/W
0
50
100
150
200
250
300
0
10
20304050
6070
8090
Total Output Current (A)
120°
(Rect)
93MT..KB Series
T = 125°C
J
400
450
500
550
600
650
700
750
800
850
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
93MT..KB Series
Per Junction
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
Initial T = 125°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
300
400
500
600
700
800
900
1000
0.01
0.1
1
Pulse Train Duration (s)
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
93MT..KB Series
Per Junction
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
Maximum Non Repetitive Surge Current
RRM
J



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com