Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARF461 Datasheet(PDF) 1 Page - International Rectifier

Part # ARF461
Description  ADVANCED ANALOG EMI FILTER HYBRID / HIGH RELIABILITY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ARF461 Datasheet(HTML) 1 Page - International Rectifier

  ARF461 Datasheet HTML 1Page - International Rectifier ARF461 Datasheet HTML 2Page - International Rectifier ARF461 Datasheet HTML 3Page - International Rectifier ARF461 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.irf.com
1
ADVANCED ANALOG
EMI FILTER
HYBRID / HIGH RELIABILITY
ARF461 SERIES
Description
n Up to 3.0 Ampere Output Current
n Attenuation > 40dB @ 100 KHz
n Low Profile Seam Welded Package
n Ceramic Feedthru Copper-Core Pins
n Operation Over Full Military Temp. Range
n No Derating for -55°C to +125°C Operation
Features
ARF
Typical Connection Diagram
The ARF Series EMI filter has been designed to pro-
vide full compliance with the input line reflected ripple
current requirement specified by CE03 of MIL-STD-
461C over the full military temperature range while
operating in conjunction with the corresponding ART
and ARH series of DC/DC converters. These filters are
offered as part of a family of high reliability conversion
products providing single, dual and triple output volt-
ages while operating from nominal +28 volt input line.
Other converters operating with a similar switching fre-
quency will also benefit by use of this device.
These EMI filters are hermetically packaged in a seam
welded enclosure utilizing axially oriented copper-core
pins which minimize resistive DC losses. This package
has been configured to complement the ART and ARH
package as a convenience in system installation and
is fabricated with Advanced Analog’s rugged ceramic
lead-to-package seal assuring long term hermetic seal
integrity in harsh environments.
Designed to meet the the derating requirements of MIL-
STD-975 and manufactured in a facility fully qualified
to MIL-PRF-38534, these converters are available in
two screening grades. The flight grade is designed,
screened and processed for space as specified in MIL-
PRF-38534. The HB grade is processed and screened
to the class H requirement, but does not include
element evaluation. Both grades are tested to
meet the complete group “A” test specification
over the full military temperature range with no
derating. Variations in electrical, mechanical and
screen requirements can be accommodated.
Contact Advanced Analog for special require-
ments.
ARF461/SF
EMI Filter
ARH28XX
(or Other)
DC/DC Converter
+Vin
+Vin
Input Return
Input Return
+Vout
+Vout
Output Return
Output Return
R
L
R
L
System
Bus
ARH28XX
(or Other)
DC/DC Converter
+Vout
Output Return
+Vin
Input Return
12/05/02
PD - 94588


Similar Part No. - ARF461

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ARF461 IRF-ARF461 Datasheet
105Kb / 4P
EMI FILTER HYBRID / HIGH RELIABILITY
logo
Advanced Power Technolo...
ARF461A ADPOW-ARF461A Datasheet
97Kb / 4P
N-CHANNEL ENHANCEMENT MODE
logo
Microsemi Corporation
ARF461A MICROSEMI-ARF461A Datasheet
147Kb / 4P
RF POWER MOSFETs N-CHANNEL ENHANCEMENT MODE
ARF461AG MICROSEMI-ARF461AG Datasheet
147Kb / 4P
RF POWER MOSFETs N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Technolo...
ARF461B ADPOW-ARF461B Datasheet
97Kb / 4P
N-CHANNEL ENHANCEMENT MODE
More results

Similar Description - ARF461

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AME50461 IRF-AME50461 Datasheet
52Kb / 5P
ADVANCED ANALOG EMI FILTER HYBRID / HIGH RELIABILITY
logo
PerkinElmer Optoelectro...
AME270461 PERKINELMER-AME270461_04 Datasheet
108Kb / 6P
EMI FILTER HYBRID / HIGH RELIABILITY
logo
International Rectifier
AME28461W/ES IRF-AME28461W/ES Datasheet
109Kb / 5P
EMI FILTER HYBRID-HIGH RELIABILITY
AMH461 IRF-AMH461 Datasheet
173Kb / 5P
EMI FILTER HYBRID / HIGH RELIABILITY
AFH461 IRF-AFH461 Datasheet
112Kb / 5P
EMI FILTER HYBRID - HIGH RELIABILITY
AFH461 IRF-AFH461_15 Datasheet
123Kb / 5P
EMI FILTER HYBRID - HIGH RELIABILITY
AME50DS IRF-AME50DS_15 Datasheet
109Kb / 5P
EMI FILTER HYBRID-HIGH RELIABILITY
AME270461 IRF-AME270461_15 Datasheet
112Kb / 6P
EMI FILTER HYBRID-HIGH RELIABILITY
AMH461 IRF-AMH461_15 Datasheet
124Kb / 6P
EMI FILTER HYBRID / HIGH RELIABILITY
ARF461 IRF-ARF461_15 Datasheet
105Kb / 4P
EMI FILTER HYBRID / HIGH RELIABILITY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com