Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25F80M Datasheet(PDF) 3 Page - International Rectifier

Part # 25F80M
Description  STANDARD RECOVERY DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

25F80M Datasheet(HTML) 3 Page - International Rectifier

  25F80M Datasheet HTML 1Page - International Rectifier 25F80M Datasheet HTML 2Page - International Rectifier 25F80M Datasheet HTML 3Page - International Rectifier 25F80M Datasheet HTML 4Page - International Rectifier 25F80M Datasheet HTML 5Page - International Rectifier 25F80M Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
25F(R) Series
3
Bulletin I2018 rev. B 09/98
www.irf.com
Parameter
25F(R)
Units
Conditions
T
J
Max. junction operating temperature range
-65 to 175
T
stg
Max. storage temperature range
-65 to 200
R
thJC
Max. thermal resistance, junction to case
1.5
DC operation
R
thCS
Max. thermal resistance, case
Mounting surface, smooth, flat and
to heatsink
greased
T
Mounting torque, ± 10%
1.2
Nm
Lubricated threads
(1.5)
(Not lubricated threads)
wt
Approximate weight
7 (0.25)
g (oz)
Case style
DO-203AA (DO-4)
See Outline Table
°C
0.5
K/W
Thermal and Mechanical Specifications
180°
0.28
0.24
T
J = TJ max.
120°
0.39
0.41
90°
0.50
0.54
60°
0.73
0.75
30°
1.20
1.21
Conduction angle
Sinusoidal conduction
Rectangular conduction Units
Conditions
K/W
∆R
thJC
Conduction
(The following table shows the increment of thermal resistence R
thJC when devices operate at different conduction angles than DC)
Ordering Information Table
1
23
4
5
Device Code
A25F
R
120
M
1
-
A
= Avalanche diode
None = Standard diode
2
-
Current rating: Code = I
F(AV)
3
-
F
= Standard device
4
-
None = Stud Normal Polarity (Cathode to Stud)
R
= Stud Reverse Polarity (Anode to Stud)
5
-
Voltage code: Code x 10 = V
RRM
(See Voltage Ratings table)
6
-
None = Stud base DO-203AA (DO-4) 10-32UNF-2A
M
= Stud base DO-203AA (DO-4) M5 X 0.8 - (Not available for Avalanche diodes)
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com