Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAR46FIL Datasheet(PDF) 2 Page - STMicroelectronics

Part # BAR46FIL
Description  SMALL SIGNAL SCHOTTKY DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAR46FIL Datasheet(HTML) 2 Page - STMicroelectronics

  BAR46FIL Datasheet HTML 1Page - STMicroelectronics BAR46FIL Datasheet HTML 2Page - STMicroelectronics BAR46FIL Datasheet HTML 3Page - STMicroelectronics BAR46FIL Datasheet HTML 4Page - STMicroelectronics BAR46FIL Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Test conditions
Min.
Typ.
Max.
Unit
C
Tj = 25 °C
VR = 0 V
F = 1MHz
10
pF
Tj = 25 °C
VR = 1 V
6
DYNAMIC CHARACTERISTICS
Symbol
Test conditions
Min.
Typ.
Max.
Unit
VBR
Tj = 25 °C
IR = 100
µA
100
V
VF *
Tj = 25 °C
IF = 0.1 mA
0.25
V
Tj = 25 °C
IF = 10 mA
0.45
Tj = 25 °C
IF = 250 mA
1
IR**
Tj = 25 °C
VR = 1.5 V
0.5
µA
Tj = 60 °C
5
Tj = 25 °C
VR = 10 V
0.8
Tj = 60 °C
7.5
Tj = 25 °C
VR = 50 V
2
Tj = 60 °C
15
Tj = 25 °C
VR = 75 V
5
Tj = 60 °C
20
Pulse test :
* tp = 380
µs δ < 2%
** tp = 5 ms,
δ < 2%
ELECTRICAL CHARACTERISTICS
STATIC CHARACTERISTICS
BAR46 /BAR46AFILM
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com