Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

92MT100KB Datasheet(PDF) 4 Page - International Rectifier

Part # 92MT100KB
Description  THREE PHASE CONTROLLED BRIDGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

92MT100KB Datasheet(HTML) 4 Page - International Rectifier

  92MT100KB Datasheet HTML 1Page - International Rectifier 92MT100KB Datasheet HTML 2Page - International Rectifier 92MT100KB Datasheet HTML 3Page - International Rectifier 92MT100KB Datasheet HTML 4Page - International Rectifier 92MT100KB Datasheet HTML 5Page - International Rectifier 92MT100KB Datasheet HTML 6Page - International Rectifier 92MT100KB Datasheet HTML 7Page - International Rectifier 92MT100KB Datasheet HTML 8Page - International Rectifier 92MT100KB Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.irf.com
53-93-113MT..KB Series
4
Bulletin I27503 08/97
1
23
1
-
Current rating code: 5 = 55 A (Avg)
9 = 90 A (Avg)
11 = 110 A (Avg)
2
-
Circuit configuration code: 3 = Full-controlled bridge
2 = Positive half-controlled bridge
1 = Negative half-controlled bridge
3
-
Essential part number
4
-
Voltage code: Code x 10 = V
RRM
(See Voltage Ratings Table)
5
-
Generation
II
6
-
Critical dv/dt: None = 500V/µs (Standard value)
S90
= 1000V/µs (Special selection)
4
Device Code
Ordering Information Table
5
6
11
3
MT
160
K
B
S90
Sinusoidal conduction @ T
J max.
Rectangular conduction @ T
J max.
Devices
Units
180o
120o
90o
60o
30o
180o
120o
90o
60o
30o
53/52/51MT.KB
0.072
0.085
0.108
0.152
0.233
0.055
0.091
0.117
0.157
0.236
K/W
93/92/91MT.KB
0.033
0.039
0.051
0.069
0.099
0.027
0.044
0.055
0.071
0.100
113/112/111MT.KB
0.027
0.033
0.042
0.057
0.081
0.023
0.037
0.046
0.059
0.082
∆R Conduction (per Junction)
(The following table shows the increment of thermal resistance R
thJC when devices operate at different conduction angles than DC)
NOTE: To order the Optional Hardware see Bulletin I27900
negative half-controlled bridge
(51, 91, 111MT..KB)
positive half-controlled bridge
(52, 92, 112MT..KB)
full-controlled bridge
(53, 93, 113MT..KB)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com