Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDDDB101S Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # MDDDB101S
Description  SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

MDDDB101S Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  MDDDB101S Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd MDDDB101S Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DB101S THRU DB107S
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
Voltage Range - 50 to 1000 Volts
Current - 1.0 Ampere
Case: Molded plastic body
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: Polarity symbols marked on case
Mounting Position: Any
Weight:0.02 ounce, 0.4 grams
FEATURES
MECHANICAL DATA
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
-55 to +150
-55 to +150
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
MDD
DB101S
1.0
NOTES:DBS for surface mount package.
Ideal for printed circuit board
Reliable low cost construction utilizing
molded plastic technique
High temperature soldering guaranteed:
250*/10 seconds / 0.375''(9.5mm)
led length at 5 lbs., (2.3kg)tension
Small size, simple installation
Leads solderable per MIL-STD-202,
Method 208
High surge current capability
Ratings at 25* ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load, For capacitive load derate current by 20%.
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
IF(AV)
IFSM
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TA=40¡ãC
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage drop
per birdge element at 1.0A
Maximum DC reverse current
TA=25¡ãC
at rated DC blocking voltage
TA=125¡ãC
Operating temperature range
storage temperature range
TJ
TSTG
IR
VF
A
µ
1.1
MDD
DB102S
MDD
DB103S
MDD
DB104S
MDD
DB105S
MDD
DB106S
MDD
DB107S
50
10
500
+
.047(1.20)
.040(1.02)
.205(5.2)
.195(5.0)
.130(3.30)
.120(3.05)
.335(8.51)
.320(8.13) 45
.404(10.3)
.386(9.80)
.255(6.5)
.245(6.2)
.060(1.53)
.040(1.02)
.013(0.33)
.0088(0.22)
.013(0.33)
.003(0.076)
DBS
A
µ
MDD Catalog Number
C
C


Similar Part No. - MDDDB101S

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
MDDDB101S CHENDA-MDDDB101S Datasheet
79Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS Current - 1.0 Ampere
More results

Similar Description - MDDDB101S

ManufacturerPart #DatasheetDescription
logo
Surge Components
2W005 SURGE-2W005 Datasheet
410Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers
GBU4005 SURGE-GBU4005 Datasheet
470Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
DB101S YIXIN-DB101S Datasheet
116Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
GBPC15005 NJSEMI-GBPC15005 Datasheet
156Kb / 2P
GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
GBPC35005 NJSEMI-GBPC35005 Datasheet
165Kb / 2P
GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
SiPower Inc.
ABS2F SIPOWER-ABS2F Datasheet
549Kb / 3P
Single Phase Glass Passivated Bridge Rectifiers
logo
Microdiode Semiconducto...
AB34S CHENDA-AB34S_V01 Datasheet
464Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
DF05S CHENDA-DF05S_V01 Datasheet
592Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
KBP2005 CHENDA-KBP2005_V01 Datasheet
559Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
MB2M CHENDA-MB2M_V01 Datasheet
556Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com