Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF1049 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLF1049
Description  Base station LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF1049 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLF1049 Datasheet HTML 1Page - NXP Semiconductors BLF1049 Datasheet HTML 2Page - NXP Semiconductors BLF1049 Datasheet HTML 3Page - NXP Semiconductors BLF1049 Datasheet HTML 4Page - NXP Semiconductors BLF1049 Datasheet HTML 5Page - NXP Semiconductors BLF1049 Datasheet HTML 6Page - NXP Semiconductors BLF1049 Datasheet HTML 7Page - NXP Semiconductors BLF1049 Datasheet HTML 8Page - NXP Semiconductors BLF1049 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2003 May 14
4
Philips Semiconductors
Product specification
Base station LDMOS transistor
BLF1049
handbook, halfpage
010
Gp
(dB)
50
16
15
13
12
14
20
30
40
MLE061
ηD
(%)
ηD
Gp
40
30
10
0
20
PL (AV)(W)
Fig.2
GSM EDGE power gain and efficiency as
functions of load power; typical values.
VDS = 27 V; f = 920 MHz; IDQ = 750 mA; Th ≤ 25 °C.
handbook, halfpage
010
PL (AV)(W)
50
−62
−64
−68
−70
−66
20
30
40
MLE062
EVMrms
(AV)
(%)
ACPR
400
(dBc)
2
1.5
0.5
0
1
EVM
ACPR400
Fig.3
GSM EDGE ACPR400 and EVM as
functions of average load power; typical
values.
VDS = 27 V; f = 920 MHz; IDQ = 750 mA; Th ≤ 25 °C.
handbook, halfpage
0
50
100
150
MLE063
PL (AV) (W)
18
17
16
15
Gp
(dB)
ηD
(%)
Gp
ηD
60
20
40
0
Fig.4
1-tone CW power gain and efficiency as
functions of load power; typical values.
VDS = 27 V; f = 920 MHz; IDQ = 1000 mA;
handbook, halfpage
0
50
100
150
50
0
40
30
20
10
17
14
16.5
16
15.5
14.5
15
MLE064
gain
(dB)
PL (PEP) (W)
η
(%)
(4)
η(1,2,3)
(5)
(6)
Fig.5
2-tone power gain and efficiency as
functions of load power at different
temperatures.
VDS = 27 V; IDQ = 1.1 A; f1 = 920.0 MHz; f2 = 920.1 MHz.
(1)
η at Th = −40 °C.
(2)
η at Th =20 °C.
(3)
η at Th =80 °C.
(4) gain at Th = −40 °C.
(5) gain at Th =20 °C.
(6) gain at Th =80 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com