Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV803ASTZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADAV803ASTZ
Description  Audio Codec for Recordable DVD
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV803ASTZ Datasheet(HTML) 5 Page - Analog Devices

  ADAV803ASTZ Datasheet HTML 1Page - Analog Devices ADAV803ASTZ Datasheet HTML 2Page - Analog Devices ADAV803ASTZ Datasheet HTML 3Page - Analog Devices ADAV803ASTZ Datasheet HTML 4Page - Analog Devices ADAV803ASTZ Datasheet HTML 5Page - Analog Devices ADAV803ASTZ Datasheet HTML 6Page - Analog Devices ADAV803ASTZ Datasheet HTML 7Page - Analog Devices ADAV803ASTZ Datasheet HTML 8Page - Analog Devices ADAV803ASTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
ADAV803
Rev. A | Page 4 of 60
Parameter
Min
Typ
Max
Unit
Comments
Crosstalk (EIAJ Method)
−110
dB
Volume Control Step Size (256 Steps)
0.39
% per step
Maximum Volume Attenuation
−48
dB
Mute Attenuation
∞
dB
ADC outputs all zero codes
Group Delay
fS = 48 kHz
910
μs
fS = 96 kHz
460
μs
ADC LOW-PASS DIGITAL DECIMATION FILTER
CHARACTERISTICS1
Pass-Band Frequency
22
kHz
fS = 48 kHz
44
kHz
fS = 96 kHz
Stop-Band Frequency
26
kHz
fS = 48 kHz
52
kHz
fS = 96 kHz
Stop-Band Attenuation
120
dB
fS = 48 kHz
120
dB
fS = 96 kHz
Pass-Band Ripple
±0.01
dB
fS = 48 kHz
±0.01
dB
fS = 96 kHz
ADC HIGH-PASS DIGITAL FILTER CHARACTERISTICS
Cutoff Frequency
0.9
Hz
fS = 48 kHz
SRC SECTION
Resolution
24
Bits
Sample Rate
8
192
kHz
XIN = 27 MHz
SRC MCLK
138 × fS-
MAX
33
MHz
fS-MAX is the greater of the input or
output sample rate
Maximum Sample Rate Ratios
Upsampling
1:8
Downsampling
7.75:1
Dynamic Range
140
20 Hz to fS/2, 1 kHz, −60 dBFS input,
fIN = 44.1 kHz, fOUT = 48 kHz
Total Harmonic Distortion + Noise
120
dB
20 Hz to fS/2, 1 kHz, 0 dBFS input,
fIN = 44.1 kHz, fOUT = 48 kHz
DAC SECTION
Number of Channels
2
Resolution
24
Bits
Dynamic Range
20 Hz to 20 kHz, −60 dB input
Unweighted
99
dB
fS = 48 kHz
98
dB
fS = 96 kHz
A-Weighted
97
101
dB
fS = 48 kHz
100
dB
fS = 96 kHz
Total Harmonic Distortion + Noise
Referenced to 1V rms
−91
dB
fS = 48 kHz
−90
dB
fS = 96 kHz
Analog Outputs
Output Range (± Full Scale)
1.0
V rms
Output Resistance
60
Ω
Common-Mode Output Voltage
1.5
V
DC Accuracy
Gain Error
−2
−0.8
dB
Interchannel Gain Mismatch
0.05
dB
Gain Drift
1
mdB/°C
DC Offset
−30
+30
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com