Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9153B Datasheet(PDF) 1 Page - Analog Devices

Part # ADE9153B
Description  Energy Metering IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9153B Datasheet(HTML) 1 Page - Analog Devices

  ADE9153B Datasheet HTML 1Page - Analog Devices ADE9153B Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Energy Metering IC with
Sensor Monitoring and Autocalibration
Data Sheet
ADE9153B
Rev. Sp0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
mSure sensor monitoring
Noninvasive, real-time, direct, precision measurement of
the input signal path
Detects changes in meter accuracy and amount of drift
over the life of the meter
Identifies sensor malfunction
Enables advanced tamper detection methods
Companion MCU firmware to facilitate diagnostic data
reporting
Supported for shunts on the phase line and CTs on the
neutral line
mSure autocalibration
Automatic calibration based on a direct measurement of
the full signal path
Calibration procedure not requiring a reference meter
3 high performance ADCs
88 dB SNR
High gain current channel: ±26.04 mV peak, 18.4 mV rms
input at highest gain setting
Advanced metrology feature set
Watt, VAR, VA, Wh, VARh, and VAh
Supports active energy standards: IEC 62053-21;
IEC 62053-22; EN50470-3; OIML R46; and ANSI C12.20
Supports reactive energy standards: IEC 62053-23 and
IEC 62053-24
Current and voltage rms measurement
Operating temperature, industrial range: −40°C to +85°C
Integrated temperature sensor with a 12-bit successive
approximation register (SAR) ADC
GENERAL DESCRIPTION
The ADE9153B1 is a highly accurate, single-phase, energy metering
IC with sensor monitoring and autocalibration. Sensor monitoring
with mSure® technology allows meter health monitoring and
advanced tamper detection. The monitoring feature allows the
user to check the overall accuracy of the sensor and signal path
to identify accuracy drifts that occur over time on the current
and voltage channels, independently. Similarly, mSure offers
advanced tamper detection with the capability to detect unusual
changes to the sensors. mSure runs in parallel to the metering
measurements, allowing uninterrupted and unaffected metrology
in the ADE9153B. Autocalibration with mSure enables a meter to
automatically calibrate the current and voltage channels without
accurate reference meters or accurate sources when a shunt
resistor is used as the current sensor. The autocalibration
feature supports Class 1 and Class 2 meters.
The ADE9153B includes three high performance analog-to-
digital converters (ADCs), providing an 88 dB signal-to-noise
ratio (SNR). The ADE9153B offers accurate measurement of
line voltage and current, and calculates active, fundamental
reactive, and apparent energy, as well as rms. A wide range of
power quality information is included, such as dip and swell
detection. Current Channel A is ideal for shunts, with a flexible
gain stage providing full-scale input ranges from 62.5 mV peak
down to 26.04 mV peak. Current Channel B has gain stages of
1×, 2×, and 4× for use with current transformers (CTs). A high
speed, 10 MHz, serial peripheral interface (SPI) port allows
access to the ADE9153B registers.
Note that throughout this data sheet, multifunction pins, such
as ZX/DREADY/CF2, are referred to either by the entire pin
name or by a single function of the pin, for example, CF2, when
only that function is relevant.
TYPICAL APPLICATIONS CIRCUIT
MSURE VOLTAGE DRIVER
DIGITAL SIGNAL
PROCESSING
SINC AND
DECIMATION
METROLOGY ENGINE
WATT, VA, VAR,
WATT-HR, VA-HR,
VAR-HR, IRMS, VRMS,
ETC...
mSureDETECTOR
SAR
TEMPERATURE
SENSOR
CLOCK
GENERATION
CF
GENERATION
ZERO
CROSSING
SPI
INTERFACE
CLKIN
CLKOUT
CF1
ZX/DREADY/CF2
SCLK
MISO/TX
MOSI/RX
CS
GND
VAMS
VAN
VAP
GND
IAN
IAP
IAMS
IBMS
IBP
IBN
GND
RB
RSHUNT
RBIG
RSMALL
PHASE
NEUTRAL
IRQ
ADC
ADC
PGA
MSURE
CURRENT DRIVER
ADC
PGA
ADE9153B
LOAD
Figure 1.
1 Protected by U.S. Patents 8,350,558; 8,010,304; WO2013038176 A3; 0113507 A1; 0253102 A1; 0354266 A1; and 0154029 A1.
For more information about the ADE9153B, contact your local Analog Devices Sales Team or visit www.analog.com/mSure.


Similar Part No. - ADE9153B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE9153A AD-ADE9153A Datasheet
505Kb / 50P
Energy Metering IC with Autocalibration
2/2018-Revision 0
ADE9153AACPZ AD-ADE9153AACPZ Datasheet
505Kb / 50P
Energy Metering IC with Autocalibration
2/2018-Revision 0
ADE9153AACPZ-RL AD-ADE9153AACPZ-RL Datasheet
505Kb / 50P
Energy Metering IC with Autocalibration
2/2018-Revision 0
More results

Similar Description - ADE9153B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7755 AD-AD7755 Datasheet
250Kb / 16P
Energy Metering IC with Pulse Output
REV.B
logo
Silan Microelectronics ...
SC3333 SILAN-SC3333 Datasheet
494Kb / 7P
ENERGY METERING IC WITH PULSE OUTPUT
logo
Analog Devices
ADE7880 AD-ADE7880 Datasheet
1Mb / 104P
Polyphase Multifunction Energy Metering IC
REV. A
EVAL-ADE7755ZEB AD-EVAL-ADE7755ZEB Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
AD7755 AD-AD7755_15 Datasheet
275Kb / 16P
Energy Metering IC with Pulse Output
REV. B
ADE7755 AD-ADE7755_15 Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
logo
STMicroelectronics
AN2317 STMICROELECTRONICS-AN2317 Datasheet
263Kb / 27P
Energy Metering IC External Circuits
14-Apr-2006
logo
Sames
PM2007MSE SAMES-PM2007MSE Datasheet
680Kb / 10P
Energy Metering IC
SA9904B SAMES-SA9904B_17 Datasheet
552Kb / 18P
Three Phase Multifunction Energy Metering IC
logo
Analog Devices
ADE9153A AD-ADE9153A Datasheet
505Kb / 50P
Energy Metering IC with Autocalibration
2/2018-Revision 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com