Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7301 Datasheet(PDF) 13 Page - Analog Devices

Part # ADT7301
Description  13-Bit, Digital Temperature Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7301 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADT7301 Datasheet HTML 9Page - Analog Devices ADT7301 Datasheet HTML 10Page - Analog Devices ADT7301 Datasheet HTML 11Page - Analog Devices ADT7301 Datasheet HTML 12Page - Analog Devices ADT7301 Datasheet HTML 13Page - Analog Devices ADT7301 Datasheet HTML 14Page - Analog Devices ADT7301 Datasheet HTML 15Page - Analog Devices ADT7301 Datasheet HTML 16Page - Analog Devices ADT7301 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ADT7301
Rev. B | Page 12 of 16
APPLICATIONS INFORMATION
MICROPROCESSOR INTERFACING
The ADT7301 serial interface allows easy interface to most
microcomputers and microprocessors. Figure 15 to Figure 18
show some typical interface circuits. The serial interface on the
ADT7301 consists of four wires: CS, DIN, DOUT, and SCLK.
All interface circuits shown use all four interface lines. However,
it is possible to operate the interface with three wires. If the
application does not require the power-down facility offered
by the ADT7301, the DIN line can be tied low permanently.
Thus, the interface can be operated from just three wires: SCLK,
CS, and DOUT.
The serial data transfer to and from the ADT7301 requires a
16-bit read operation. Many 8-bit microcontrollers have 8-bit
serial ports, and this 16-bit data transfer is handled as two 8-bit
transfers. Other microcontrollers and DSP processors transfer
16 bits of data in a serial data operation.
ADT7301-to-MC68HC11 Interface
Figure 15 shows an interface circuit between the ADT7301 and
the MC68HC11 microcontroller. The MC68HC11 is configured
in master mode with its CPOL and CPHA bits set to a Logic 1.
When the MC68HC11 is configured like this, its SCLK line idles
high between data transfers. Data is transferred to and from the
ADT7301 in two 8-bit serial data operations. Figure 15 shows
the full (4-wire) interface. PC1 of the MC68HC11 is configured
as an output and is used to drive the CS input.
ADT7301*
SCLK
DOUT
DIN
MC68HC11*
SCLK
MISO
MOSI
PC1
*ADDITIONAL PINS OMITTED FOR CLARITY
CS
Figure 15. ADT7301-to-MC68HC11 Interface
ADT7301-to-8051 Interface
Figure 16 shows an interface circuit between the ADT7301 and
the microcontroller. The 8051 is configured in its Mode 0 serial
interface mode. The serial clock line of the 8051 (on P3.1) idles
high between data transfers. Data is transferred to and from the
ADT7301 in two 8-bit serial data operations. The ADT7301
outputs the MSB of its data stream as the first valid bit while the
8051 expects the LSB first. Thus, the data read into the serial
buffer needs to be rearranged before the correct data-word from
the ADT7301 is available in the accumulator.
In the example shown in Figure 16, the ADT7301 is connected
to the serial port of the 8051. Because the serial interface of the
8051 contains only one data line, the DIN line of the ADT7301
is tied low in Figure 16.
For applications that require the ADT7301 power-down feature,
the serial interface should be implemented using data port lines
on the 8051. This allows a full-duplex serial interface to be
implemented. The method involves generating a serial clock on
one port line while using two other port lines to shift data
in and out with the fourth port line connecting to CS. Port
lines 1.0 to 1.3 (with P1.1 configured as an input) can be used
to connect to SCLK, DOUT, DIN, and CS, respectively, to
implement this scheme.
ADT7301*
SCLK
DOUT
DIN
8051*
P3.1
P3.0
P1.2
P1.3
*ADDITIONAL PINS OMITTED FOR CLARITY
CS
Figure 16. ADT7301-to-8051 Interface
ADT7301-to-PIC16C6x/7x Interface
Figure 17 shows an interface circuit between the ADT7301 and
the PIC16C6x/7x microcontroller. The PIC16C6x/7x synchro-
nous serial port (SSP) is configured as an SPI master with the
clock polarity bit set to a Logic 1. In this mode, the serial clock
line of the PIC16C6x/7x idles high between data transfers. Data
is transferred to and from the ADT7301 in two 8-bit serial data
operations. In the example shown in Figure 17, port line RA1 is
being used to generate the CS for the ADT7301.
ADT7301*
SCLK
DOUT
DIN
PIC16C6x/7x*
SCK
SDO
SDI
RA1
*ADDITIONAL PINS OMITTED FOR CLARITY
CS
Figure 17. ADT7301-to-PIC16C6x/7x Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com