Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7814ARMZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD7814ARMZ
Description  10-Bit Digital Temperature Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7814ARMZ Datasheet(HTML) 3 Page - Analog Devices

  AD7814ARMZ Datasheet HTML 1Page - Analog Devices AD7814ARMZ Datasheet HTML 2Page - Analog Devices AD7814ARMZ Datasheet HTML 3Page - Analog Devices AD7814ARMZ Datasheet HTML 4Page - Analog Devices AD7814ARMZ Datasheet HTML 5Page - Analog Devices AD7814ARMZ Datasheet HTML 6Page - Analog Devices AD7814ARMZ Datasheet HTML 7Page - Analog Devices AD7814ARMZ Datasheet HTML 8Page - Analog Devices AD7814ARMZ Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
REV. E
–2–
AD7814–SPECIFICATIONS1
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TEMPERATURE SENSOR AND ADC
Accuracy
±2.0
°CTA = 0°C to 85°C. VDD = 3 V to 5.5 V2
±2.5
°CT
A = –40
°C to 0°C. V
DD = 3 V to 5.5 V
2
±2.0
±3.5
°CT
A = –55
°C to +125°C. V
DD = 3 V to 5.5 V
Resolution
10
Bits
Update Rate, tR
400
µs
Temperature Conversion Time
25
µs
SUPPLIES
Supply Voltage
2.7
5.5
V
For Specified Performance
Supply Current
Normal Mode
250
400
µA
Shutdown Mode (VDD = 5 V)
1.23
3
µA
Shutdown Mode (VDD = 3 V)
0.43
1
µA
Power Dissipation
80
µWV
DD = 3 V. Using Normal Mode
Power Dissipation
VDD = 3 V. Using Shutdown Mode
1 sps
3.7
µW
10 sps
3.9
µW
100 sps
5.8
µW
DIGITAL INPUT
3
Input High Voltage, VIH
2.4
V
Input Low Voltage, VIL
0.8
V
Input Current, IIN
±1
µAV
IN = 0 V to VDD
Input Capacitance, CIN
10
pF
All Digital Inputs
DIGITAL OUTPUT
3
Output High Voltage, VOH
VDD – 0.3 V
ISOURCE = ISINK = 200
µA
Output Low Voltage, VOL
0.4
V
IOL = 200
µA
Output Capacitance, COUT
50
pF
NOTES
1All specifications apply for –55
°C to +125°C unless otherwise stated.
2For V
DD = 2.7 V to 3 V and TA = –40
°C to +85°C, the typical temperature error is ±2°C.
3Guaranteed by design and characterization, not production tested.
Specifications subject to change without notice.
TIMING CHARACTERISTICS1, 2, 3
Parameter
Limit
Unit
Comments
t1
0
ns min
CS to SCLK Setup Time
t2
50
ns min
SCLK High Pulse Width
t3
50
ns min
SCLK Low Pulse Width
t4
4
35
ns max
Data Access Time After SCLK Falling Edge
t5
20
ns min
Data Setup Time Prior to SCLK Rising Edge
t6
0
ns min
Data Hold Time After SCLK Rising Edge
t7
0
ns min
CS to SCLK Hold Time
t8
4
40
ns max
CS to DOUT High Impedance
NOTES
1Guaranteed by design and characterization, not production tested.
2All input signals are specified with tr = tf = 5 ns (10% to 90% of V
DD) and timed from a voltage level of 1.6 V.
3See Figure 2.
4Measured with the load circuit of Figure 1.
Specifications subject to change without notice.
(TA = TMIN to TMAX, VDD = 2.7 V to 5.5 V, unless otherwise noted.)
(TA = TMIN to TMAX, VDD = 2.7 V to 5.5 V, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com