Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7410 Datasheet(PDF) 21 Page - Analog Devices

Part # ADT7410
Description  16-Bit Digital I2C Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7410 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADT7410 Datasheet HTML 17Page - Analog Devices ADT7410 Datasheet HTML 18Page - Analog Devices ADT7410 Datasheet HTML 19Page - Analog Devices ADT7410 Datasheet HTML 20Page - Analog Devices ADT7410 Datasheet HTML 21Page - Analog Devices ADT7410 Datasheet HTML 22Page - Analog Devices ADT7410 Datasheet HTML 23Page - Analog Devices ADT7410 Datasheet HTML 24Page - Analog Devices ADT7410 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
ADT7410
Data Sheet
Rev. C | Page 20 of 24
NOTES
1. A START CONDITION AT THE BEGINNING IS DEFINED AS A HIGH-TO-LOW TRANSITION ON SDA WHILE SCLK REMAINS HIGH.
2. A STOP CONDITION AT THE END IS DEFINED AS A LOW-TO-HIGH TRANSITION ON SDA WHILE SCLK REMAINS HIGH.
3. THE MASTER GENERATES THE NO ACKNOWLEDGE AT THE END OF THE READBACK TO SIGNAL THAT IT DOES NOT WANT ADDITIONAL DATA.
4. TEMPERATURE REGISTER MSB DATA AND TEMPERATURE REGISTER LSB DATA ARE ALWAYS SEPARATED BY A LOW ACK BIT.
5. THE R/W BIT IS SET TO A1 TO INDICATE A READBACK OPERATION.
SDA
1
0
0
R/W
A7
A6
SCL
SDA
SCL
1
A1
A0
1
1
0
A1
A0
9
ADT7410 DEVICE ADDRESS
REGISTER ADDRESS[A7:A0]
D1
D0
D7
D6
TEMPERATURE REGISTER
MSB DATA
9
1
1
9
9
0
1
A1
A0
R/W
REPEAT
START
D1
D0
D7
D6
ACK. BY
ADT7410
ACK. BY
MASTER
NO
ACK. BY
MASTER
ACK. BY
ADT7410
START
ADT7410 DEVICE ADDRESS
ACK. BY
ADT7410
TEMPERATURE REGISTER
LSB DATA
SR
Figure 18. Reading Back Data from the Temperature Value Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com