Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP03 Datasheet(PDF) 15 Page - Analog Devices

Part # TMP03
Description  Serial Digital Output Thermometers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP03 Datasheet(HTML) 15 Page - Analog Devices

Back Button TMP03 Datasheet HTML 9Page - Analog Devices TMP03 Datasheet HTML 10Page - Analog Devices TMP03 Datasheet HTML 11Page - Analog Devices TMP03 Datasheet HTML 12Page - Analog Devices TMP03 Datasheet HTML 13Page - Analog Devices TMP03 Datasheet HTML 14Page - Analog Devices TMP03 Datasheet HTML 15Page - Analog Devices TMP03 Datasheet HTML 16Page - Analog Devices TMP03 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
TMP03/TMP04
–15–
Monitoring Electronic Equipment
The TMP03 are ideal for monitoring the thermal environment
within electronic equipment. For example, the surface-mounted
package will accurately reflect the exact thermal conditions which
affect nearby integrated circuits. The TO-92 package, on the
other hand, can be mounted above the surface of the board, to
measure the temperature of the air flowing over the board.
The TMP03 and TMP04 measure and convert the temperature
at the surface of their own semiconductor chip. When the TMP03
are used to measure the temperature of a nearby heat source,
the thermal impedance between the heat source and the TMP03
must be considered. Often, a thermocouple or other tempera-
ture sensor is used to measure the temperature of the source
DOUT
TMP04
GND
T1
T2
VCC
CLR
B
A
Q
Q
5V
5V
0.1 F
74HC4538
GND
OUT
1
10
74HC373
VCC
LE
D1 D2 D3 D4
D5 D6 D7 D8
Q1 Q2 Q3 Q4
Q5 Q6 Q7 Q8
2 5 6 9
12 15 16 19
3 4 7 8
13 14 17 18
20
11
5V
3
1
2
3
1
2
5
4
74HC08
1
74HC4520 #1
VCC
CLK
Q0 Q1 Q2 Q3
Q0 Q1 Q2 Q3
3 4 5 6
11 12 13 14
9
7
815
16
5V
10
EN
EN
2
CLK GND
RESET RESET
10
3
13
8
12
11
74HC373
VCC
LE
D1 D2 D3 D4
D5 D6 D7 D8
Q1 Q2 Q3 Q4
Q5 Q6 Q7 Q8
2 5 6 9
12 15 16 19
3 4 7 8
13 14 17 18
20
11
5V
74HC373
VCC
LE
D1 D2 D3 D4
D5 D6 D7 D8
Q1 Q2 Q3 Q4
Q5 Q6 Q7 Q8
2 5 6 9
12 15 16 19
3 4 7 8
13 14 17 18
20
11
5V
74HC373
VCC
LE
D1 D2 D3 D4
D5 D6 D7 D8
Q1 Q2 Q3 Q4
Q5 Q6 Q7 Q8
2 5 6 9
12 15 16 19
3 4 7 8
13 14 17 18
20
11
5V
74HC4520 #2
VCC
Q0 Q1 Q2 Q3
Q0 Q1 Q2 Q3
3456
11 12 13 14
17
9
15
16
5V
10
EN
EN
2
CLK GND RESET RESET
1MHZ
CLOCK
6
T1 DATA (MICROSECONDS)
T2 DATA (MICROSECONDS)
GND
T1
T2
CLR
B
A
Q
Q
5V
5V
10 F
GND
V+
5V
20pF 3.9k
9
15
14
16
6
7
5
8
4
1k
20pF
74HC86
10pF
10k
4
5
6
NC
NC
CLK
8
GND
OUT
1
10
GND
OUT
1
10
GND
OUT
1
10
Figure 12. A Hardware Interface for the TMP04
while the TMP03 temperature is monitored by measuring T1
and T2. Once the thermal impedance is determined, the tem-
perature of the heat source can be inferred from the TMP03
output.
One example of using the TMP04 to monitor a high power
dissipation microprocessor or other IC is shown in Figure 13.
The TMP04, in a surface mount package, is mounted directly
beneath the microprocessor’s pin grid array (PGA) package. In
a typical application, the TMP04’s output would be connected
to an ASIC where the pulsewidth would be measured (see the
Hardware Interface section of this data sheet for a typical inter-
face schematic). The TMP04 pulse output provides a significant
REV. B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com