Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT93HC46 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT93HC46
Description  1-kb High Speed Microwire Serial EEPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93HC46 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT93HC46 Datasheet HTML 1Page - Catalyst Semiconductor CAT93HC46 Datasheet HTML 2Page - Catalyst Semiconductor CAT93HC46 Datasheet HTML 3Page - Catalyst Semiconductor CAT93HC46 Datasheet HTML 4Page - Catalyst Semiconductor CAT93HC46 Datasheet HTML 5Page - Catalyst Semiconductor CAT93HC46 Datasheet HTML 6Page - Catalyst Semiconductor CAT93HC46 Datasheet HTML 7Page - Catalyst Semiconductor CAT93HC46 Datasheet HTML 8Page - Catalyst Semiconductor CAT93HC46 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
CAT93HC46
Doc. No. 1008, Rev. G
1.8 V - 5.5 V
2.5 V - 5.5 V
4.5 V - 5.5 V
Test
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Units
Conditions
SKMAX
Maximum Clock Frequency
DC
1
DC
2
DC
4
MHz
tCSS
CS Setup Time
240
120
60
ns
tCSH
CS Hold Time
0
0
0
ns
tDIS
DI Setup Time
240
120
60
ns
tDIH
DI Hold Time
240
120
60
ns
tPD1
Output Delay to 1
480
240
120
ns
tPD0
Output Delay to 0
480
240
120
ns
tHZ(1)
Output Delay to High-Z
240
120
60
ns
tCSMIN
Minimum CS Low Time
240
120
60
ns
tSKHI
Minimum SK High Time
480
240
120
ns
tSKLOW
Minimum SK Low Time
240
120
60
ns
tSV
Output Delay to Status Valid
480
240
120
ns
tEW
Program/Erase Pulse Width
5
5
5
ms
A.C. TEST CONDITIONS
Input Rise and Fall Times
≤ 10 ns
Input Pulse Voltages
0.4 V to 2.4 V
4.5 V
≤ VCC ≤ 5.5 V
Timing Reference Voltages
0.8 V, 2.0 V
4.5 V
≤ VCC ≤ 5.5 V
Input Pulse Voltages
VCC x 0.2 to VCC x 0.8
1.8 V
≤ VCC ≤ 4.5 V
Timing Reference Voltages
VCC x 0.5
1.8 V
≤ VCC ≤ 4.5 V
POWER-UP TIMING (1)(2)
Symbol
Parameter
Min
Typ
Max
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms
NOTE:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
(3) The input levels and timing reference points are shown in the “AC Test Conditions” table.
A.C. CHARACTERISTICS
Industrial Temperature Range (-40
°C to 85°C)
CL = 100 pF
(3)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com