Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JCS2N60 Datasheet(PDF) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS2N60
Description  N-CHANNEL MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS2N60 Datasheet(HTML) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS2N60 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60 Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60 Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60 Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
R
JCS2N60
版本:201607A
4/15
电特性 ELECTRICAL CHARACTERISTICS
开关特性 Switching Characteristics
延迟时间 Turn-On delay time
t
B
dB(on)
V
B
DDB=300V,IBDB=2.0A,RBGB=25Ω
(note 4,5)
-
16
40
ns
上升时间 Turn-On rise time
t
B
rB
-
50 110
ns
延迟时间 Turn-Off delay time
t
B
dB(off)
-
40
90
ns
下降时间 Turn-Off Fall time
t
B
fB
-
40
90
ns
栅极电荷总量 Total Gate Charge
Q
B
gB
V
B
DSB =480V ,
I
B
DB=2.0A
V
B
GSB =10V
(note 4,5)
-
15.3 19
nC
栅-源电荷 Gate-Source charge
Q
B
gsB
-
1.8
-
nC
栅-漏电荷 Gate-Drain charge
Q
B
gdB
-
7.2
-
nC
漏-源二极管特性及最大额定值 Drain-Source Diode Characteristics and Maximum Ratings
正向最大连续电流
Maximum Continuous Drain
-Source Diode Forward Current
I
B
SB
-
-
2.0
A
正向最大脉冲电流
Maximum Pulsed Drain-Source
Diode Forward Current
I
B
SMB
-
-
6.0
A
正向压降
Drain-Source Diode Forward
Voltage
V
B
SDB
V
B
GSB=0V,
I
B
SB=2.0A
-
-
1.4
V
反向恢复时间
Reverse recovery time
t
B
rrB
V
B
GSB=0V,
I
B
SB=2.0A
dI
B
FB/dt=100A/μs
(note 4)
-
250
-
ns
反向恢复电荷
Reverse recovery charge
Q
B
rrBBB
-
1.31
-
μC
热特性 THERMAL CHARACTERISTIC
项
目
Parameter
符
号
Symbol
最大
Max
单 位
Unit
JCS2N60V/R JCS2N60C
JCS2N60F
结到管壳的热阻
Thermal Resistance, Junction to Case
Rth(j-c)
2.87
2.32
5.50
℃/W
结到环境的热阻
Thermal Resistance, Junction to Ambient
Rth(j-A)
110
62.5
62.5
℃/W
注释:
1:脉冲宽度由最高结温限制
2:L=55mH, I
B
ASB=2.0A, VBDDB=50V,
R
B
GB=25 Ω,起始结
温T
B
JB=25℃
3:I
B
SDB ≤2A,di/dt ≤300A/μs,VDD≤BVBDSSB,起始结温
T
B
JB=25℃
4:脉冲测试:脉冲宽度
≤300μs,占空比≤2%
5:基本与工作温度无关
Notes:
1:Pulse width limited by maximum junction
temperature
2:L=55mH, I
B
ASB=2.0A, VBDDB=50V, RBGB=25 Ω,Starting
T
B
JB=25℃
3:I
B
SDB ≤2A,di/dt ≤300A/μs,VDD≤BVBDSSB, Starting TBJB=25℃
4:Pulse Test:
Pulse Width ≤300μs,Duty Cycle≤2%
5:Essentially independent of operating temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com