Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JCS2N60RB-O-R-N-B Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS2N60RB-O-R-N-B
Description  N-CHANNEL MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS2N60RB-O-R-N-B Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS2N60RB-O-R-N-B Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60RB-O-R-N-B Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60RB-O-R-N-B Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60RB-O-R-N-B Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60RB-O-R-N-B Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60RB-O-R-N-B Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60RB-O-R-N-B Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60RB-O-R-N-B Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60RB-O-R-N-B Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
R
版本:201603J
1/18
N 沟道增强型场效应晶体管
N-CHANNEL MOSFET
JCS2N60B
订 货 型 号
Order codes
印
记
Marking
封
装
Package
无 卤 素
Halogen
Free
包
装
Packaging
器件重量
Device
Weight
JCS2N60VB-O-V-N-B
JCS2N60VB
IPAK
否
NO
条管 Tube
0.35 g(typ)
JCS2N60VB-O-V2-N-B
JCS2N60VB
IPAK-S2
否
NO
条管 Tube
0.34g(typ)
JCS2N60RB-O-R-N-B
JCS2N60RB
DPAK
否
NO
条管 Tube
0.30 g(typ)
JCS2N60RB-O-R-N-A
JCS2N60RB
DPAK
否
NO
编带 Reel
0.30 g(typ)
JCS2N60CB-O-C-N-B
JCS2N60CB
TO-220C
否
NO
条管 Tube
2.15 g(typ)
JCS2N60FB-O-F-N-B
JCS2N60FB
TO-220MF
否
NO
条管 Tube
2.20 g(typ)
JCS2N60FB-O-F2-N-B
JCS2N60FB
TO-220MF-K2
否
NO
条管 Tube
2.20 g(typ)
JCS2N60MB-O-M-M-B
JCS2N60MB
TO-126
否
NO
条管 Tube
0.70 g(typ)
JCS2N60MFB-O-M-M-B
JCS2N60MFB
TO-126F
否
NO
条管 Tube
1.50 g(typ)
JCS2N60IB-O-I-N-B
JCS2N60VB
TO-251
否
NO
条管 Tube
0.35 g(typ)
JCS2N60UB-O-U-N-B
JCS2N60RB
TO-252
否
NO
条管 Tube
0.30 g(typ)
封装 Package
主要参数
MAIN
CHARACTERISTICS
ID
2.0 A
VDSS
600 V
Rdson(Vgs=10V)
-MAX
4.5 Ω
Qg-TYP
5.9nC
用途
 高频开关电源
 电子镇流器
 LED 电源
APPLICATIONS
High efficiency switch
mode power supplies
Electronic lamp ballasts
based on half bridge
LED power supplies
产品特性
低栅极电荷
低C
rss (典型值 2.33pF)
开关速度快
产品全部经过雪崩测试
高抗 dv/dt 能力
RoHS 产品
FEATURES
Low gate charge
Low C
rss (typical2.33pF )
Fast switching
100% avalanche tested
Improved dv/dt capability
RoHS product
订货信息 ORDER MESSAGE


Similar Part No. - JCS2N60RB-O-R-N-B

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS2N60R JSMC-JCS2N60R Datasheet
1Mb / 14P
N-CHANNEL MOSFET
JCS2N60R-O-R-N-B JSMC-JCS2N60R-O-R-N-B Datasheet
1Mb / 14P
N-CHANNEL MOSFET
logo
SHENZHEN DOINGTER SEMIC...
JCS2N60R-O-R-N-B DOINGTER-JCS2N60R-O-R-N-B Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
JILIN SINO-MICROELECTRO...
JCS2N60RC-O-R-N-A JSMC-JCS2N60RC-O-R-N-A Datasheet
1Mb / 16P
MAIN CHARACTERISTICS
JCS2N60RC-O-R-N-B JSMC-JCS2N60RC-O-R-N-B Datasheet
1Mb / 16P
MAIN CHARACTERISTICS
More results

Similar Description - JCS2N60RB-O-R-N-B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com