Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JCS2N70FHC Datasheet(PDF) 6 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS2N70FHC
Description  N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS2N70FHC Datasheet(HTML) 6 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS2N70FHC Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N70FHC Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N70FHC Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N70FHC Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N70FHC Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N70FHC Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N70FHC Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N70FHC Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
R
JCS2N70FHC
版本:201510B
6/8
特征曲线 ELECTRICAL CHARACTERISTICS (curves)
10
0
10
1
10
2
10
-2
10
-1
10
0
10
1
Operation in This Area
is Limited by R
DS(ON)
Note:
1 T
C=25
℃
2 T
J=150
℃
3 Single Pulse
10μs
1ms
100μs
10ms
100ms
DC
V
DS Drain-Source Voltage [V]
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
T
C C a s e T e m p e r a tu r e [
]
℃
1 E - 5
1 E - 4
1 E - 3
0 . 0 1
0 . 1
1
1 0
0 . 0 1
0 . 1
1
t 2
t 1
D = 0 . 5
0 . 2
0 . 1
0 . 0 5
0 . 0 2
t
1
S q u a r e W a v e P u l s e D u r a t i o n [ s e c ]
s i n g l e p u l s e
0 . 0 1
N o t e s :
1 Z θ
J C ( t ) = 4 . 4 3
/ W
M a x
℃
2 D u t y F a c t o r , D = t 1 / t 2
3 T J M - T c = P D M * Z θ
J C ( t )
P
D M
Breakdown Voltage Variation
vs. Temperature
On-Resistance Variation
vs. Temperature
Maximum Drain Current
vs. Case Temperature
Maximum Safe Operating Area
Transient Thermal Response Curve
-75
-50
-25
0
25
50
75
100
125
150
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
Notes:
1. V
GS=0V
2. I
D=250μA
T
j [
]
℃
-75
-50
-25
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Notes:
1. V
GS=10V
2. I
D=1A
T
j [
]
℃



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com