Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPT67K Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LPT67K
Description  Signal and Symbol Luminary
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LPT67K Datasheet(HTML) 1 Page - OSRAM GmbH

  LPT67K Datasheet HTML 1Page - OSRAM GmbH LPT67K Datasheet HTML 2Page - OSRAM GmbH LPT67K Datasheet HTML 3Page - OSRAM GmbH LPT67K Datasheet HTML 4Page - OSRAM GmbH LPT67K Datasheet HTML 5Page - OSRAM GmbH LPT67K Datasheet HTML 6Page - OSRAM GmbH LPT67K Datasheet HTML 7Page - OSRAM GmbH LPT67K Datasheet HTML 8Page - OSRAM GmbH LPT67K Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
2013-06-19
1
2013-06-19
TOPLED
Datasheet
Version 1.0
LP T67K
TOPLED, SMT LED with integrated reflector. With our
great experience in SMT LED we are able to offer a
high quality product for all kind of applications.
TOPLED, SMT-LED mit integriertem Reflektor. Mit
unserer großen Erfahrung in SMT LED sind wir in der
Lage,ein qualitativ hochwertiges Produkt für alle Arten
von Anwendungen anzubieten.
Features:
Besondere Merkmale:
• Package: white PLCC-2 package, colorless clear
resin
• Gehäusetyp: weisses PLCC-2 Gehäuse,
farbloser klarer Verguss
• Technology: InGaAlP
• Technologie: InGaAlP
• Viewing angle at 50 % IV: 120° (Lambertian
Emitter)
• Abstrahlwinkel bei 50 % IV: 120° (Lambertscher
Strahler)
• Color: pure green (560 nm)
• Farbe: pure green (560 nm)
• Corrosion Robustness: Improved corrosion
robustness
• Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Optical Indicator
• Optischer Indikator
• Backlighting
• Hinterleuchtung
• Automotive Interior Lighting
• Automobilbeleuchtung innen
• Coupling into light guides
• Einkopplung in Lichtleiter
• Signal and Symbol Luminary
• Signal- und Symbolleuchten


Similar Part No. - LPT67K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LPT67K OSRAM-LPT67K Datasheet
565Kb / 15P
Hyper-Bright Low Current LED
LPT67K-E1F2-25 OSRAM-LPT67K-E1F2-25 Datasheet
565Kb / 15P
Hyper-Bright Low Current LED
LPT67K-E1G2-25 OSRAM-LPT67K-E1G2-25 Datasheet
565Kb / 15P
Hyper-Bright Low Current LED
LPT67K-F1G2-25 OSRAM-LPT67K-F1G2-25 Datasheet
565Kb / 15P
Hyper-Bright Low Current LED
More results

Similar Description - LPT67K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRVH9F-P2R1-1 OSRAM-LRVH9F-P2R1-1 Datasheet
684Kb / 21P
Signal and Symbol Luminary
LRY8SF-U1V2-1 OSRAM-LRY8SF-U1V2-1 Datasheet
494Kb / 21P
Signal and Symbol Luminary
LTQH9G-Q2OO-25-2Z4Y OSRAM-LTQH9G-Q2OO-25-2Z4Y Datasheet
730Kb / 21P
Signal and Symbol Luminary
LTVH9G-Q2OO-25-1 OSRAM-LTVH9G-Q2OO-25-1 Datasheet
694Kb / 21P
Signal and Symbol Luminary
LUWCRBP-LXLZ-G4J4-1 OSRAM-LUWCRBP-LXLZ-G4J4-1 Datasheet
990Kb / 22P
Signal and Symbol Luminary
LYCKBP-JYKX-46-1 OSRAM-LYCKBP-JYKX-46-1 Datasheet
932Kb / 21P
Signal and Symbol Luminary
LRT64F OSRAM-LRT64F Datasheet
2Mb / 24P
Signal and Symbol Luminary
LRT67D OSRAM-LRT67D Datasheet
756Kb / 20P
Signal and Symbol Luminary
LRY8SF OSRAM-LRY8SF Datasheet
494Kb / 21P
Signal and Symbol Luminary
LVT6SG OSRAM-LVT6SG Datasheet
695Kb / 24P
Signal and Symbol Luminary
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com