Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPT670 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LPT670
Description  Optical Indicator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LPT670 Datasheet(HTML) 1 Page - OSRAM GmbH

  LPT670 Datasheet HTML 1Page - OSRAM GmbH LPT670 Datasheet HTML 2Page - OSRAM GmbH LPT670 Datasheet HTML 3Page - OSRAM GmbH LPT670 Datasheet HTML 4Page - OSRAM GmbH LPT670 Datasheet HTML 5Page - OSRAM GmbH LPT670 Datasheet HTML 6Page - OSRAM GmbH LPT670 Datasheet HTML 7Page - OSRAM GmbH LPT670 Datasheet HTML 8Page - OSRAM GmbH LPT670 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
2013-06-28
1
2013-06-28
TOPLED
Datasheet
Version 1.0 (Replacement in due course)
LP T670
TOPLED, SMT LED with integrated reflector. With our
great experience in SMT LED we are able to offer a
high quality product for all kind of applications.
TOPLED, SMT-LED mit integriertem Reflektor. Mit
unserer großen Erfahrung in SMT LED sind wir in der
Lage,ein qualitativ hochwertiges Produkt für alle Arten
von Anwendungen anzubieten.
Features:
Besondere Merkmale:
• Package: white PLCC-2 package, colorless clear
resin
• Gehäusetyp: weisses PLCC-2 Gehäuse,
farbloser klarer Verguss
• Technology: GaP
• Technologie: GaP
• Viewing angle at 50 % IV: 120° (Lambertian
Emitter)
• Abstrahlwinkel bei 50 % IV: 120° (Lambertscher
Strahler)
• Color: pure green (560 nm)
• Farbe: pure green (560 nm)
• Corrosion Robustness: Improved corrosion
robustness
• Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Optical Indicator
• Optischer Indikator
• Backlighting
• Hinterleuchtung
• Automotive Interior Lighting
• Automobilbeleuchtung innen
• Coupling into Light Guides
• Einkopplung in Lichtleiter
• Signal and Symbol Luminary
• Signal- und Symbolleuchten


Similar Part No. - LPT670

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LPT670 OSRAM-LPT670 Datasheet
435Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LPT670 OSRAM-LPT670 Datasheet
435Kb / 15P
Nicht f체r Neuentwicklungen Not for new designs
logo
ams AG
LPT670 AMSCO-LPT670 Datasheet
1Mb / 21P
TOPLED, SMT LED with integrated reflector.
Version 1.1 2018-04-03
logo
Siemens Semiconductor G...
LPT670-FJ SIEMENS-LPT670-FJ Datasheet
496Kb / 8P
TOPLED
LPT670-G SIEMENS-LPT670-G Datasheet
496Kb / 8P
TOPLED
More results

Similar Description - LPT670

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TSL-5050UB000MTH SUNTAN-TSL-5050UB000MTH Datasheet
340Kb / 3P
Optical indicator
logo
OSRAM GmbH
LSR976-NR-1 OSRAM-LSR976-NR-1 Datasheet
404Kb / 20P
Optical Indicator
LGT679 OSRAM-LGT679 Datasheet
440Kb / 19P
Optical Indicator
LOT676 OSRAM-LOT676 Datasheet
477Kb / 19P
Optical Indicator
LOT776 OSRAM-LOT776 Datasheet
435Kb / 19P
Optical Indicator
LPM675 OSRAM-LPM675 Datasheet
501Kb / 20P
Optical Indicator
LAM67B OSRAM-LAM67B_14 Datasheet
569Kb / 20P
Optical Indicator
logo
Everlight Electronics C...
EAPL2214GA2 EVERLIGHT-EAPL2214GA2 Datasheet
358Kb / 12P
Optical indicator
EAPL2214WA4 EVERLIGHT-EAPL2214WA4 Datasheet
356Kb / 12P
Optical indicator
EAPL4508RGBA5 EVERLIGHT-EAPL4508RGBA5 Datasheet
473Kb / 13P
Optical indicator.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com