Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVM6211-RADA Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OVM6211-RADA
Description  Wearable Devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OVM6211-RADA Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OVM6211-RADA Datasheet HTML 1Page - OmniVision Technologies, Inc. OVM6211-RADA Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬
¬
Eye Tracking
Wearable Devices
¬
¬
Security and Surveillance
Toys and Games
Applications
¬
¬
¬
¬
¬
¬
¬
¬
¬
3 µm global shutter pixel
automatic black level calibration (ABLC)
programmable controls for:
- frame rate
- mirror and flip
- cropping and windowing
supports output formats: 8/10-bit RAW
supports images sizes:
- 400 x 400
- 200 x 200
- 100 x 100
fast mode switching
supports horizontal and vertical 2:1
and 4:1 monochrome subsampling
supports 2x2 monochrome binning
standard serial SCCB interface
programmable SCCB device ID
one-lane MIPI serial output interface
embedded 128 bits of one-time
programmable (OTP) memory for
part identification, etc.
two on-chip phase lock loop (PLL)
programmable I/O drive capability
built-in 1.5V regulator for core
PWM
built-in strobe control
ultra low power mode for
ambient light sensor
¬
¬
¬
¬
¬
¬
¬
¬
¬
Product Features
¬
OVM6211-RADA
(B&W, lead-free, CameraCubeChip™
with black coating, 50° FOV)
¬
OVM6211-RAHA
(B&W, lead-free, CameraCubeChip™
with black coating, 90° FOV)
Ordering Information
¬
¬
¬
¬
¬
¬
¬
¬
¬
active array size: 400 x 400
power supply:
- analog: 2.6 ~ 3.0V
- core: 1.5 VDC ±5%
- I/O: 1.7 ~ 3.0V
power requirements:
- active: 85 mW @ 120 fps
- standby: 15 µA for AVDD, 40/700 µA
for DOVDD with/without input clock
- XSHUTDOWN: 5 µA for AVDD,
5 µA for DOVDD
temperature range:
- operating: -30°C to +70°C junction
temperature
- stable image: 0°C to +50°C junction
temperature
output formats: 8/10-bit RAW
optical format: 1/10.5"
input clock frequency: 6 ~ 27 MHz
f no.:
- RADA: 3.1
- RAHA: 2.4
max S/N ratio: 37.5 dB
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
focal length:
- RADA: 1.681 mm
- RAHA: 0.776 mm
dynamic range: 66.5 dB @ 8x gain
maximum image transfer rate:
- 400 x 400: 120 fps
- 200 x 200: 220 fps
- 100 x 100: 380 fps
sensitivity:
7190 mV/(µW.cm-2.sec) @ 850 nm
2800 mV/Lux-sec @ 530 nm
scan mode: progressive
maximum exposure interval: 434 x tROW
pixel size: 3 µm x 3 µm
dark current: 2000 e-/s
@ 50°C junction temperature
image area: 1248 µm x 1248 µm
package dimensions
(including ball height):
- RADA: 3230 x 3230 x 2450 µm
- RAHA: 3230 x 3230 x 3920 µm
Product Specifications
Version 1.5, October, 2017
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision and the OmniVision logo are registered trademarks of
OmniVision Technologies, Inc. CameraCubeChip and OmniPixel3-GS are trademarks of OmniVision
Technologies, Inc. All other trademarks are the property of their respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
OVM6211
Functional Block Diagram
OVM6211
image sensor array
output
interface
column
sample/hold
PLL
control register bank
regulator
SCCB slave interface
system control logic
timing generator
gain
control
MCP/N
MDP/N
image
array
AMP
10-bit
ADC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com