Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVM6946-RANA Datasheet(PDF) 1 Page - OmniVision Technologies, Inc.

Part # OVM6946-RANA
Description  low power consumption
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OVM6946-RANA Datasheet(HTML) 1 Page - OmniVision Technologies, Inc.

  OVM6946-RANA Datasheet HTML 1Page - OmniVision Technologies, Inc. OVM6946-RANA Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Compact, Cost-Effective Wafer-Level
Camera Module for Single-Use Endoscopes
OVM6946 400x400productbrief
lead free
available in
a lead-free
package
OmniVision's OVM6946 is a compact camera module for
medical applications such as minimally-invasive
endoscopes. The 1/18-inch OVM6946 utilizes
OmniVision's market-proven CameraCubeChip™ wafer-
level module technology to streamline manufacturing
processes and shorten time-to-market, and is the
industry's most cost-effective single-chip imaging
solution for single-use endoscopes.
Built on OmniVision's OmniBSI+™ pixel architecture, the
OVM6946 captures high quality 400 x 400 resolution
video at 30 frames per second (fps). The OVM6946
comes in a compact 1.05 mm x 1.05 mm package with a
z-height of 2.27 mm, enabling a wide 120-degree field
of view with an extended focusing range of 5 mm to
50 mm. The OVM6946 is well-suited to a wide range of
endoscope applications, including medical, veterinarian,
and industrial.
Find out more at www.ovt.com.


Similar Part No. - OVM6946-RANA

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OVM6948 OMNIVISION-OVM6948 Datasheet
486Kb / 2P
Miniature Camera Module Provides High-Quality Imaging for Disposable Medical Guidewires, Catheters and Endoscopes
OVM6948-RALA OMNIVISION-OVM6948-RALA Datasheet
486Kb / 2P
Miniature Camera Module Provides High-Quality Imaging for Disposable Medical Guidewires, Catheters and Endoscopes
More results

Similar Description - OVM6946-RANA

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
STR2-16W-130 HB-STR2-16W-130 Datasheet
53Kb / 2P
Low power consumption
STR3 HB-STR3 Datasheet
52Kb / 2P
Low power consumption
logo
Kingbright Corporation
APG1005RWF-T-5MAV KINGBRIGHT-APG1005RWF-T-5MAV Datasheet
245Kb / 6P
Low power consumption
APG1608SURKC-T KINGBRIGHT-APG1608SURKC-T Datasheet
244Kb / 5P
Low power consumption
APHHS1005LCGCK KINGBRIGHT-APHHS1005LCGCK Datasheet
226Kb / 5P
Low power consumption
APHHS1005LSYCK-J3-PF KINGBRIGHT-APHHS1005LSYCK-J3-PF Datasheet
255Kb / 5P
Low power consumption
APHHS1005LZGCK-V KINGBRIGHT-APHHS1005LZGCK-V Datasheet
262Kb / 5P
Low power consumption
APT1608LSECK-J4-PRV KINGBRIGHT-APT1608LSECK-J4-PRV Datasheet
233Kb / 5P
Low power consumption
APG0603RWF-TT-5MAV KINGBRIGHT-APG0603RWF-TT-5MAV Datasheet
248Kb / 6P
Low power consumption
APTD1608LSYCK-J3-PF KINGBRIGHT-APTD1608LSYCK-J3-PF Datasheet
237Kb / 5P
Low power consumption
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com